Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6281G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6281G Datasheet HTML 2Page - Infineon Technologies AG TLE6281G Datasheet HTML 3Page - Infineon Technologies AG TLE6281G Datasheet HTML 4Page - Infineon Technologies AG TLE6281G Datasheet HTML 5Page - Infineon Technologies AG TLE6281G Datasheet HTML 6Page - Infineon Technologies AG TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG TLE6281G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
6
Rev 2.2 2006-01-30
Dynamic characteristics (pls. see test circuit and timing diagram)
Turn on current @ VGxx –VSxx = 0V; Tj=25°C
@ VGxx –VSxx = 4V; Tj=125°C
@ CLoad=22nF ; Rload= 0Ω
IGxx(on)
--
--
850
700
--
--
mA
Turn off current @ VGxx –VSxx = 10V; Tj=25°C
@ VGxx –VSxx = 4V; Tj=125°C
@ CLoad= 22nF ; Rload=0Ω
IGxx(off)
--
--
580
300
--
--
mA
Dead time (adjustable) @ RDT = 1 k
@ RDT = 10 k
@ RDT = 50 k
@ RDT = 200 k
@ CLoad=10nF ; Rload=1Ω
tDT
--
0.05
0.40
0.01
0.20
1.0
3.1
--
0.38
2.50
µs
Rise time @ CLoad=10nF; Rload=1Ω (20% to 80%)
t rise
--
100
300
ns
Fall time @ CLoad=10nF; Rload=1Ω (80% to 20%)
tfall
--
150
440
ns
Disable propagation time
@ CLoad=10nF ; Rload=1Ω
tP(DIS)
3.6
5
7
µs
Reset time of diagnosis
@ CLoad=10nF ; Rload=1Ω
tP(CL)
1
2
3.1
µs
Input propagation time
(low side turns on, 0% to 10%)
tP(ILN)
--
250
500
ns
Input propagation time
(low side turns off, 100% to 90%)
tP(ILF)
--
110
500
ns
Input propagation time
(high side turns on, 0% to 10%)
tP(IHN)
--
200
500
ns
Input propagation time
(high side turns off, 100% to 90%)
tP(IHF)
--
130
500
ns
Input propagation time difference
(all channels turn on)
tP(Diff)
20
50
70
ns
Input propagation time difference
(all channels turn off)
tP(Diff)
--
25
50
ns
Input propagation time difference
(one channel; low on – high off)
tP(Diff)
--
120
180
ns
Input propagation time difference
(one channel; high on – low off)
tP(Diff)
--
100
180
ns
Input propagation time difference
(all channels; low on – high off)
tP(Diff)
--
120
180
ns
Input propagation time difference
(all channels; high on – low off)
tP(Diff)
--
100
180
ns


Similar Part No. - TLE6281G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
300Kb / 15P
   H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
   H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
More results

Similar Description - TLE6281G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
   H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FTG TOSHIBA-TC78H660FTG Datasheet
513Kb / 26P
   Dual H Bridge driver IC
2020-07-14
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com