Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6282G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6282G
Description  Dual Half Bridge Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6282G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6282G Datasheet HTML 4Page - Infineon Technologies AG TLE6282G Datasheet HTML 5Page - Infineon Technologies AG TLE6282G Datasheet HTML 6Page - Infineon Technologies AG TLE6282G Datasheet HTML 7Page - Infineon Technologies AG TLE6282G Datasheet HTML 8Page - Infineon Technologies AG TLE6282G Datasheet HTML 9Page - Infineon Technologies AG TLE6282G Datasheet HTML 10Page - Infineon Technologies AG TLE6282G Datasheet HTML 11Page - Infineon Technologies AG TLE6282G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet TLE6282G
8
Rev 2.2 2006-03-07
Remarks:
Default status of input pins:
To assure a defined status of all input pins in case of disconnection, these pins are internally
secured by pull up / pull down current sources with approx. 20µA.
The following table shows the default status of each input pin.
Input pin
Default status
ILx (active high)
Low
IHx (active low)
High
DT/DIS (active high)
High
Definition:
In this datasheet a duty cycle of 98% means that the GLx pin is 2% of the PWM period in
high condition.
Functional description
Description of Dead Time Pin / Disable Pin / Reset
In the range between 1.5 and 3.5 V the dead time is varied from 100ns to 3.1µs typ. In the
range below 1.0V the dead time is disabled / shoot through is allowed. Both external Mosfets
of the same half bridge can be switched on simultaneously. This function allows the use of a
half bridge for valves and injectors. In the range above 4.0V the device is disabled.
If DIS is pulled up to 5V for 3.1 to 3.4µs only the ERR register is cleared (reset), no output
stage is shut down. A shut down of all external Mosfets occurs if DIS is pulled up for longer
than 7µs.
Condition of DT/DIS pin
Function
0 - 1V
Disable of dead time; Shoot through is allowed
1.5 - 3.5V
Adjust dead time between 100ns and 3.1µs typ.
a) Reset of diagnosis register if DT/DIS voltage is higher than
4V for a time between 3.1µs and 3.4µs
> 4V
b) Shut down of output stages if DT/DIS voltage is higher
than 4V for a time above 7µs (Active pull down of gate volt-
age)
Description of Diagnosis
The ERR pin is an open collector output and has to be pulled up with external pull up resis-
tors to 5V. In normal conditions the ERR signal is high. In case of shutdown of any output
stage the ERR is pulled down. This shut down can be caused by undervoltage or short cir-
cuit.
Recommended Start-up procedure
The following procedure is recommended whenever the Driver IC is powered up:
• Disable the Driver IC via DT/DIS pin
• After the supply voltage has ramped up, wait for several ms to pre-charge the boot-
strap capacitors of the High Side MOSFETs CBx through the resistors R on the DLx


Similar Part No. - TLE6282G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
260Kb / 16P
   Dual Half Bridge Driver IC Compatible to very low ohmic normal
Rev 2.4 2008-03-18
TLE6282G INFINEON-TLE6282G Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE6282G INFINEON-TLE6282G_08 Datasheet
260Kb / 16P
   Dual Half Bridge Driver IC Compatible to very low ohmic normal
Rev 2.4 2008-03-18
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
More results

Similar Description - TLE6282G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com