Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV16652DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AV16652DGG
Description  2.5V/3.3V 16-bit bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AV16652DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  AV16652DGG Datasheet HTML 1Page - NXP Semiconductors AV16652DGG Datasheet HTML 2Page - NXP Semiconductors AV16652DGG Datasheet HTML 3Page - NXP Semiconductors AV16652DGG Datasheet HTML 4Page - NXP Semiconductors AV16652DGG Datasheet HTML 5Page - NXP Semiconductors AV16652DGG Datasheet HTML 6Page - NXP Semiconductors AV16652DGG Datasheet HTML 7Page - NXP Semiconductors AV16652DGG Datasheet HTML 8Page - NXP Semiconductors AV16652DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16652
2.5V/3.3V 16-bit bus transceiver/register
(3-State)
1998 Feb 13
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
27
28
30
29
1OEAB
1CPAB
1SAB
GND
1A0
1A1
1A2
1A3
1A4
GND
1A5
1A6
1A7
2A0
2A2
GND
2A3
VCC
2A1
2A4
2A5
2A6
2A7
2SAB
VCC
GND
2CPAB
20EAB
1OEBA
1CPBA
1SBA
GND
1B0
1B1
1B2
1B3
1B4
GND
1B5
1B6
1B7
2B0
2B2
GND
2B3
VCC
2B1
2B4
2B5
2B6
2B7
2SBA
VCC
GND
2CPBA
2OEBA
SH00046
LOGIC SYMBOL
2
3
1CPAB
1SAB
54
1SBA
55
1CPBA
1
1OEAB
56
1OEBA
27
26
2CPAB
2SAB
31
2SBA
30
2CPBA
28
2OEAB
29
2OEBA
5
6
8
9
10
12
13
14
52
51
49
48 47
45
44
43
15
16
17
19 20
21
23
24
42
41
40
38 37
36
34
33
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7
1AB 1B1 1B2 1B3 1B4 1B5 1B6 1B7
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7
2AB 2B1 2B2 2B3 2B4 2B5 2B6 2B7
SW00159
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 55, 27, 30
1CPAB, 1CPBA, 2CPAB, 2CPBA
Clock input A to B / Clock input B to A
3, 54, 26, 31
1SAB, 1SBA, 2SAB, 2SBA
Select input A to B / Select input B to A
5, 6, 8, 9, 10, 12, 13, 14
15, 16, 17, 19, 20, 21, 23, 24
1A0 – 1A7,
2A0 – 2A7
Data inputs/outputs (A side)
52, 51, 49, 48, 47, 45, 44, 43
42, 41, 40, 38, 37, 36, 34, 33
1B0 – 1B7,
2B0 – 2B7
Data inputs/outputs (B side)
1, 56, 28, 29
1OEAB, 1OEBA,
2OEAB, 2OEBA
Output enable inputs
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Similar Part No. - AV16652DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AV16600DGG PHILIPS-AV16600DGG Datasheet
97Kb / 14P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
AV16600DL PHILIPS-AV16600DL Datasheet
97Kb / 14P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
AV16601DGG PHILIPS-AV16601DGG Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
AV16601DL PHILIPS-AV16601DL Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
AV16646DGG PHILIPS-AV16646DGG Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
More results

Similar Description - AV16652DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16501 PHILIPS-74ALVT16501 Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com