Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK124-50L Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK124-50L
Description  Logic level TOPFET TO-220 version of BUK135-50L
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK124-50L Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK124-50L Datasheet HTML 2Page - NXP Semiconductors BUK124-50L Datasheet HTML 3Page - NXP Semiconductors BUK124-50L Datasheet HTML 4Page - NXP Semiconductors BUK124-50L Datasheet HTML 5Page - NXP Semiconductors BUK124-50L Datasheet HTML 6Page - NXP Semiconductors BUK124-50L Datasheet HTML 7Page - NXP Semiconductors BUK124-50L Datasheet HTML 8Page - NXP Semiconductors BUK124-50L Datasheet HTML 9Page - NXP Semiconductors BUK124-50L Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product Specification
Logic level TOPFET
BUK124-50L
TO-220 version of BUK135-50L
CAPACITANCES
T
mb = 25 ˚C; f = 1 MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
iss
Input capacitance
V
DS = 25 V; VIS = 0 V
-
710
1050
pF
C
oss
Output capacitance
V
DS = 25 V; VIS = 0 V
-
370
550
pF
C
rss
Reverse transfer capacitance
V
DS = 25 V; VIS = 0 V
-
26
40
pF
C
pso
Protection supply pin
V
PS = 5 V
-
22
-
pF
capacitance
C
fso
Flag pin capacitance
V
FS = 5 V; VPS = 0 V
-
12
-
pF
Fig.4. Normalised limiting power dissipation.
P
D% = 100⋅PD/PD(25˚C) = f(Tmb)
Fig.5. Continuous drain current.
I
D = f(Tamb); condition: VIS = 5 V
Fig.6. Typical output characteristics, T
j = 25˚C.
I
D = f(VDS); parameter VIS; tp = 300 µs & tp < td sc
Fig.7. Typical on-state characteristics, T
j = 25˚C.
I
D = f(VDS); parameter VIS; tp = 300 µs
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
PD%
Normalise Power Derating
Tmb /
OC
0
10
20
30
40
50
60
70
80
0246
8
10
12
14
16
VDS / V
ID / A
7
6
5
4
3
BUK135-50L
VIS / V =
0
10
20
30
40
0
20
40
60
80
100
120
140
ID / A
BUK135-50L
Tmb /
OC
y
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
VDS / V
ID / A
BUK135-50L
VIS / V =
3
4
5
7
6
2
January 2003
6
Rev 1.110


Similar Part No. - BUK124-50L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK127-50DL NXP-BUK127-50DL Datasheet
72Kb / 11P
   PowerMOS transistor Logic level TOPFET
October 2001 Rev 1.011
BUK127-50GT PHILIPS-BUK127-50GT Datasheet
53Kb / 7P
   PowerMOS transistor Logic level TOPFET
December 2001-Rev 2.000
BUK128-50DL PHILIPS-BUK128-50DL Datasheet
41Kb / 6P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001-Rev 1.800
logo
Nexperia B.V. All right...
BUK128-50DL NEXPERIA-BUK128-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001 Rev 1.800
logo
NXP Semiconductors
BUK129-50DL PHILIPS-BUK129-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001-Rev 1.900
More results

Similar Description - BUK124-50L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK136-50L PHILIPS-BUK136-50L Datasheet
44Kb / 7P
   Logic level TOPFET SMD version of BUK125-50L
July 2002-Rev 1.000
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
BUK116-50L PHILIPS-BUK116-50L Datasheet
139Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
logo
Nexperia B.V. All right...
BUK114-50L NEXPERIA-BUK114-50L Datasheet
232Kb / 14P
   Logic level TOPFET SMD version of BUK104-50L/S
Rev 1.000 1996
logo
NXP Semiconductors
BUK111-50GL PHILIPS-BUK111-50GL Datasheet
93Kb / 16P
   Logic level TOPFET SMD version of BUK112-50GL
September 1996 Rev 1.000
BUK130-50DL PHILIPS-BUK130-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK119-50DL
May 2001-Rev 1.900
logo
Nexperia B.V. All right...
BUK128-50DL NEXPERIA-BUK128-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001 Rev 1.800
BUK129-50DL NEXPERIA-BUK129-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001 Rev 1.900
logo
NXP Semiconductors
BUK128-50DL PHILIPS-BUK128-50DL Datasheet
41Kb / 6P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001-Rev 1.800
BUK129-50DL PHILIPS-BUK129-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001-Rev 1.900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com