Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3152R Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD3152R
Description  Signal Processor LSI for Single-chip CCD B/W Camera
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3152R Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD3152R Datasheet HTML 2Page - Sony Corporation CXD3152R Datasheet HTML 3Page - Sony Corporation CXD3152R Datasheet HTML 4Page - Sony Corporation CXD3152R Datasheet HTML 5Page - Sony Corporation CXD3152R Datasheet HTML 6Page - Sony Corporation CXD3152R Datasheet HTML 7Page - Sony Corporation CXD3152R Datasheet HTML 8Page - Sony Corporation CXD3152R Datasheet HTML 9Page - Sony Corporation CXD3152R Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
– 6 –
CXD3152R
Pin Description
Pin
No.
Symbol
I/O
Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDD1
CCDIN
CAP1
CAPA2
IRISOUT
YOUT
YIN
CAPB2
VSS1
MONITOR
VSS2
VDD2
REFHIN
REFLIN
REFH
REFL
VSS3
VDD3
REFBIAS
VDD4
VSS4
TEST
DEFECT
VDD5
AGC
DGC
MIRROR
APCON
GAMMA1
GAMMA2
P
I
O(A)
O(A)
O(A)
O(A)
I(A)
I(A)
P
O(A)
P
P
I(A)
I(A)
O(A)
O(A)
P
P
O(A)
P
P
I
I
P
I
I
I
I
I
I
Analog power supply (5.0V)
Image signal input from CCD
CDS DC bias output
Connect to GND via an approximately 0.1µF capacitor.
Gain control amplifier DC bias output
Connect to GND via an approximately 0.1µF capacitor.
Image signal output for iris detection
AGC image signal output
Image signal input to ADC
Normally input YOUT via an approximately 0.01µF capacitor.
ADC input clamp level (DC) input
High reference (REFHIN) reference level
Analog GND
Output for monitoring the signal input to ADC
Analog GND
Analog power supply (5.0V)
ADC high reference input
ADC low reference input
ADC high reference output
Connect to GND via an approximately 0.1µF capacitor.
ADC low reference output
Connect to GND via an approximately 0.1µF capacitor.
Analog GND
Analog power supply (3.3V)
ADC DC bias output
Connect to GND via an approximately 0.1µF capacitor.
Digital power supply (3.3V)
Digital GND
Test pin. Normally fix high.
Blemish compensation function switching 0: Off, 1: On
Digital power supply (3.3V)
Analog gain switching 0: Fixed, 1: Auto
Digital gain switching 0: Fixed, 1: Auto
Mirror inversion switching 0: Standard, 1: Mirror
Aperture correction switching 0: Off, 1: On
Gamma correction characteristics switching
00: 0.45, 01: 0.6 (register setting), 10: 1.0, 11: S curve


Similar Part No. - CXD3152R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3152AR SONY-CXD3152AR Datasheet
326Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
More results

Similar Description - CXD3152R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3152AR SONY-CXD3152AR Datasheet
326Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
   Signal Processor LSI for Single CCD Color Camera
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
logo
Samsung semiconductor
KA7305 SAMSUNG-KA7305 Datasheet
123Kb / 9P
   B/W CCD PROCESSOR
S1C7309X01 SAMSUNG-S1C7309X01 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
logo
Sharp Corporation
IR3Y30M SHARP-IR3Y30M Datasheet
188Kb / 22P
   CCD Signal Processors for B/W CCD Cameras
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com