Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V73273DR Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V73273DR
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V73273DR Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V73273DR Datasheet HTML 7Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 8Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 9Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 10Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 11Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 12Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 13Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 14Page - Integrated Device Technology IDT72V73273DR Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
INDUSTRIAL TEMPERATURERANGE
IDT72V73273 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH WITH RATE MATCHING 32,768 x 32,768 CHANNELS
TABLE 4
 BLOCK PROGRAMMING STARTING ADDRESS (BPSA) REGISTER
Reset Value:
0000H
15
14
13
12
11
10
9876543210
15
Unused
Must be zero for normal operation.
14-12
G2-0
These bits are used to select which group will be block programmed
(Group Address
bits 2-0)
11-9
STA2-0
These bits are used to select starting stream number for block programming.
(Stream Address
bits2-0)
8-0
CHA8-0
These bits are used to select starting channel number for block programming.
(Channel Address
bits 8-0)
BIT
NAME
DESCRIPTION
0
G2
G1
G0
STA2
STA1
STA0
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
TABLE 5
 BLOCK PROGRAMMING ENDING ADDRESS (BPEA) REGISTER
15
14
13
12
11
10
9876543210
Reset Value:
FFFFH
15-12
Unused
Must be one for normal operation.
11-9
STA2-0
These bits are used to select ending stream number for burst programming.
(Stream Address
bits2-0)
8-0
CHA8-0
These bits are used to select starting channel number for burst programming.
(Channel Address
bits8-0)
BIT
NAME
DESCRIPTION
1
1
1
1
STA2
STA1
STA0
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0


Similar Part No. - IDT72V73273DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V73273 RENESAS-IDT72V73273 Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
IDT72V73273 IDT-IDT72V73273_07 Datasheet
1Mb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
More results

Similar Description - IDT72V73273DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V73273 RENESAS-IDT72V73273 Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
IDT72V73273 IDT-IDT72V73273_07 Datasheet
1Mb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
logo
Renesas Technology Corp
IDT72V73263 RENESAS-IDT72V73263 Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
logo
Integrated Device Techn...
IDT72V73263 IDT-IDT72V73263 Datasheet
418Kb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
IDT72V71623 IDT-IDT72V71623 Datasheet
203Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com