Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V16S20PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70V16S20PF
Description  HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V16S20PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70V16S20PF Datasheet HTML 3Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 4Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 5Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 6Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 7Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 8Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 9Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 10Page - Integrated Device Technology IDT70V16S20PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6.42
IDT70V16/5S/L
High-Speed 3.3V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
ELIMINARY
PRELIMINARY
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
70V16/5X15
Com'l Only
70V16/5X20
Com'l
& Ind
70V16/5X25
Com'l Only
Unit
Symbol
Parameter
Min.Max.Min.Max.
Min.Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
25
____
ns
tAA
Address Access Time
____
15
____
20
____
25
ns
tACE
Chip Enable Access Time(3)
____
15
____
20
____
25
ns
tABE
Byte Enable Access Time(3)
____
15
____
20
____
25
ns
tAOE
Output Enable Access Time(3)
____
10
____
12
____
13
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time
(1,2)
____
10
____
12
____
15
ns
tPU
Chip Enable to Power Up Time
(1,2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time
(1,2)
____
15
____
20
____
25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
____
10
____
10
____
ns
tSAA
Semaphore Address Access(3)
____
15
____
20
____
25
ns
5669 tbl 11
tRC
R/
W
CE
ADDR
tAA
OE
5669 drw 06
(4)
tACE
(4)
tAOE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3,4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
Waveform of Read Cycles(5)
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is de-asserted first,
CE or OE.
3. tBDD delay is required only in cases where the opposite port is completing a write operation to the same address location. For simultaneous read operations
BUSY
has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last: tAOE, tACE, tAA or tBDD.
5.
SEM = VIH.
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. 'X' in part number indicates power rating (S or L).


Similar Part No. - IDT70V16S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L15PF IDT-IDT70V18L15PF Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L15PFI IDT-IDT70V18L15PFI Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L20PF IDT-IDT70V18L20PF Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V16S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com