Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V16S15J Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70V16S15J
Description  HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V16S15J Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70V16S15J Datasheet HTML 2Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 3Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 4Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 5Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 6Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 7Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 8Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 9Page - Integrated Device Technology IDT70V16S15J Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6.42
IDT70V16/5S/L
High-Speed 3.3V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
PRELIMINARYPRE
PRELIMINARY
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (VDD = 3.3V ± 0.3V)
70V16/5X15
Com'l Only
70V16/5X20
Com'l
& Ind
70V16/5X25
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max.
Typ.
(2)
Max.
Unit
IDD
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX
(3)
COM'L
S
L
150
140
215
185
140
130
200
175
130
125
190
165
mA
IND
S
L
____
____
____
____
140
130
225
195
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER and CEL = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
S
L
25
20
35
30
20
15
30
25
16
13
30
25
mA
MIL &
IND
S
L
____
____
____
____
20
15
45
40
____
____
____
____
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
85
80
120
110
80
75
110
100
75
72
110
95
mA
MIL &
IND
S
L
____
____
____
____
80
75
130
115
____
____
____
____
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0
(4)
SEMR = SEML > VDD - 0.2V
COM'L
S
L
1.0
0.2
5
2.5
1.0
0.2
5
2.5
1.0
0.2
5
2.5
mA
MIL &
IND
S
L
____
____
____
____
1.0
0.2
15
5
____
____
____
____
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VDD - 0.2V(5)
SEMR = SEML > VDD - 0.2V
VIN > VDD - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX
(3)
COM'L
S
L
85
80
125
105
80
75
115
100
75
70
105
90
mA
MIL &
IND
S
L
____
____
____
____
80
75
130
115
____
____
____
____
5669 tbl 09
Timing of Power-Up / Power-Down
CE
5669 drw 07
tPU
ICC
ISB
tPD
50%
50%
,
NOTES:
1. 'X' in part number indicates power rating (S or L)
2. VDD = 3.3V, TA = +25°C, and are not production tested. IDD DC = 115mA (typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input
levels of GND to 3V.
4. f = 0 means no address or control lines change.
5.
Port "A" may be either left or right port. Port "B" is the opposite from port "A".
Output Loads and AC Test
Conditions
5669 drw 04
590
30pF
435
3.3V
DATAOUT
BUSY
INT
590
5pF*
435
3.3V
DATAOUT
,
Figure 1. AC Output Test Load
Figure 2. Output Test
Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig.
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1 and 2
5669 tbl 10


Similar Part No. - IDT70V16S15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L15PF IDT-IDT70V18L15PF Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L15PFI IDT-IDT70V18L15PFI Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L20PF IDT-IDT70V18L20PF Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V16S15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com