Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D147X0006F2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 135D147X0006F2
Description  Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D147X0006F2 Datasheet(HTML) 2 Page - Vishay Siliconix

  135D147X0006F2 Datasheet HTML 1Page - Vishay Siliconix 135D147X0006F2 Datasheet HTML 2Page - Vishay Siliconix 135D147X0006F2 Datasheet HTML 3Page - Vishay Siliconix 135D147X0006F2 Datasheet HTML 4Page - Vishay Siliconix 135D147X0006F2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
89
Model 135D
Vishay Sprague
Document Number: 40024
Revision 15-Jan-01
ORDERING INFORMATION
Packaging: The use of formed plastic trays for packaging this type of axial lead component is standard. Tape and reel is not
recommended due to the unit weight.
135D
MODEL
2
STYLE NUMBER
0 = No outer tube.
2 = Outer polyester
film insulation.
6 = High temperature
film insulation
(above + 125
°C).
C
CASE CODE
See Ratings
and Case
Codes Table.
306
CAPACITANCE
X0 =
± 20%
X9 =
± 10%
X5 =
± 5%
006
DC VOLTAGE RATING
AT + 85
°C
This is expressed in
volts. To complete
the three-digit block,
zeros precede the
voltage rating. A
decimal point is
indicated by an "R"
(6R3 = 6.3 volts).
X0
CAPACITANCE
TOLERANCE
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
6 WVDC @ + 85
°C . . . 4 WVDC @ + 125°C
Max. CAPACITANCE
CHANGE (%) @
STANDARD RATINGS
820
960
1200
1375
1800
1900
2265
30
68
140
270
330
560
1200
8 WVDC @ + 85
°C . . . 5 WVDC @ + 125°C
25
56
120
220
290
430
850
10 WVDC @ + 85
°C . . . 7 WVDC @ + 125°C
20
47
100
180
250
390
750
15 WVDC @ + 85
°C . . . 10 WVDC @ + 125°C
15
33
70
120
170
270
540
4.0
2.9
2.2
2.0
1.4
1.3
1.0
100
60
40
25
20
25
20
0.75
0.75
1.0
1.0
2.0
2.0
3.0
1.5
1.5
2.0
2.0
6.0
6.0
12.0
- 40
- 40
- 40
- 44
- 44
- 64
- 80
+ 10.5
+ 14
+ 14
+ 12.5
+ 14
+ 17.5
+ 25
+ 12
+ 16
+ 16
+ 20
+ 16
+ 20
+ 25
100
59
50
30
25
25
22
C
C
F
F
T
T
K
4.0
3.3
2.6
2.4
1.8
1.4
1.0
0.75
0.75
1.0
1.0
2.0
2.0
3.0
1.5
1.5
2.0
2.0
6.0
6.0
12.0
- 40
- 40
- 44
- 44
- 64
- 64
- 80
+ 10.5
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 12
+ 16
+ 20
+ 20
+ 20
+ 20
+ 25
820
900
1230
1320
1745
1825
2330
C
C
F
F
T
T
K
135D206X0010C2
135D476X0010C2
135D107X0010F2
135D187X0010F2
135D257X0010T2
135D397X0010T2
135D757X0010K2
4.0
3.7
2.4
2.2
1.8
1.5
1.0
120
90
60
40
30
25
23
0.75
0.75
1.0
1.0
2.0
2.0
3.0
1.5
1.5
2.0
2.0
6.0
6.0
12.0
- 32
- 36
- 36
- 36
- 40
- 64
- 80
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 25
+ 12
+ 16
+ 16
+ 16
+ 16
+ 20
+ 25
820
855
1200
1300
1720
1800
2360
C
C
F
F
T
T
K
135D156X0015C2
135D336X0015C2
135D706X0015F2
135D127X0015F2
135D177X0015T2
135D277X0015T2
135D547X0015K2
4.4
4.0
2.8
2.6
2.4
2.2
1.0
155
90
75
50
35
30
23
0.75
0.75
1.0
1.0
2.0
2.0
3.0
1.5
1.5
2.0
2.0
6.0
6.0
12.0
- 24
- 28
- 28
- 28
- 32
- 56
- 80
+ 10.5
+ 14
+ 14
+ 17.5
+ 14
+ 17.5
+ 25
+ 12
+ 16
+ 16
+ 20
+ 16
+ 20
+ 25
780
820
1150
1230
1480
1500
2300
C
C
F
F
T
T
K
CASE
CODE
CAPACITANCE
(
µF)
PART NUMBER*
135D306X0006C2
135D686X0006C2
135D147X0006F2
135D277X0006F2
135D337X0006T2
135D567X0006T2
135D128X0006K2
Max. ESR
@ + 25
°C
120 Hz
(Ohms)
Max. IMP.
@ - 55
°C
120 Hz
(Ohms)
+ 25
°C
+ 85
°C
+ 125
°C - 55°C
Max. RIPPLE
40kHz
Irms
(mA)
+ 125
°C
+ 85
°C
Max. DCL (
µA) @
135D256X0008C2
135D566X0008C2
135D127X0008F2
135D227X0008F2
135D297X0008T2
135D437X0008T2
135D857X0008K2


Similar Part No. - 135D147X0006F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D147X0006F2 VISHAY-135D147X0006F2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D147X0006F2 VISHAY-135D147X0006F2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D147X0006F2 VISHAY-135D147X0006F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D147X0006F2 VISHAY-135D147X0006F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D147X0006F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com