Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V16L15PFI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70V16L15PFI
Description  HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V16L15PFI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70V16L15PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 9Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 10Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 11Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 12Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 13Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 14Page - Integrated Device Technology IDT70V16L15PFI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
6.42
IDT70V16/5S/L
High-Speed 3.3V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
ELIMINARY
PRELIMINARY
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6)
NOTES:
1. Port-to-port delay through SRAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read and
BUSY (M/S = VIH)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited during contention.
5. To ensure that a write cycle is completed after contention.
6. 'X' in part numbers indicates power rating (S or L).
70V16/5X15
Com'l Ony
70V16/5X20
Com'l
& Ind
70V16/5X25
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (M/S = VIH)
tBAA
BUSY Access Time from Address Match
____
15
____
20
____
20
ns
tBDA
BUSY Disable Time from Address Not Matched
____
15
____
20
____
20
ns
tBAC
BUSY Access Time from Chip Enable LOW
____
15
____
20
____
20
ns
tBDC
BUSY Disable Time from Chip Enable HIGH
____
15
____
17
____
17
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
18
____
30
____
30
ns
tWH
Write Hold After
BUSY(5)
12
____
15
____
17
____
ns
BUSY TIMING (M/S = VIL)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After
BUSY(5)
12
____
15
____
17
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
30
____
45
____
50
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
25
____
35
____
35
ns
5669 tbl 13
5669 drw 12
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
Timing Waveform of Read with BUSY(2,4,5) (M/S = VIH)
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/
S=VIL.
2.
CEL = CER = VIL.
3.
OE = VIL for the reading port.
4. If M/
S=VIL (SLAVE), BUSY is an input. Then for this example BUSY“A” = VIH and BUSY“B” input is shown above.
5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from Port "A".


Similar Part No. - IDT70V16L15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L15PF IDT-IDT70V18L15PF Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L15PFI IDT-IDT70V18L15PFI Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L20PF IDT-IDT70V18L20PF Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V16L15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com