Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1595B-50CT Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1595B-50CT
Description  2A STEP-DOWN PWM REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1595B-50CT Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1595B-50CT Datasheet HTML 1Page - Analog Intergrations Corporation AIC1595B-50CT Datasheet HTML 2Page - Analog Intergrations Corporation AIC1595B-50CT Datasheet HTML 3Page - Analog Intergrations Corporation AIC1595B-50CT Datasheet HTML 4Page - Analog Intergrations Corporation AIC1595B-50CT Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AIC1595
2A STEP-DOWN PWM REGULATOR
SPEC NO: DS-1595-P1 03/23/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
2
! ORDERING INFORMATION

PACKAGE TYPE
M: TO263-5
T: TO220-5
OUTPUT VOLTAGE
DEFAULT: Adj.
25: 2.5V
33: 3.3V
50: 5.0V
12: 12.0V
FREQUENCY VERSION
A: 150KHZ
B: 300KHZ
ORDER NUMBER
PIN CONFIGURATION
AIC1595X- XXCX
AIC1595A(B)CM
AIC1595A(B)-25CM
AIC1595A(B)-33CM
AIC1595A(B)-50CM
AIC1595A(B)-12CM
(TO263-5)
FRONT VIEW
1: IN
2. OUT
3. GND
4. FB
5. SHDN
123 4 5
AIC1595A(B)CT
AIC1595A(B)-25CT
AIC1595A(B)-33CT
AIC1595A(B)-50CT
AIC1595A(B)-12CT
(TO220-5)
12 34 5
FRONT VIEW
1: IN
2. OUT
3. GND
4. FB
5.
SHDN
! ABSOLUTE MAXIMUM RATINGS
Supply Voltage ……………..……………......……………..........……………….................36V
FB, SHDN Pin Input Voltage .……………......……………..........……………….................25V
Operating Temperature Range …….…………...............…….……………......... 0
°C ~ 70°C
Storage Temperature Range ……...................……..…….…………………. –65
°C ~ 150°C
! TEST CIRCUIT
Refer to Typical Application Circuit.


Similar Part No. - AIC1595B-50CT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CM AIC-AIC1594A-12CM Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CN AIC-AIC1594A-12CN Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CS AIC-AIC1594A-12CS Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CT AIC-AIC1594A-12CT Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
More results

Similar Description - AIC1595B-50CT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Princeton Technology Co...
RS6513 PTC-RS6513 Datasheet
209Kb / 4P
   2A, Asynchronous PWM Control DC/DC Step-Down Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com