Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9512 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9512
Description  Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9512 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9512 Datasheet HTML 7Page - Maxim Integrated Products MAX9512 Datasheet HTML 8Page - Maxim Integrated Products MAX9512 Datasheet HTML 9Page - Maxim Integrated Products MAX9512 Datasheet HTML 10Page - Maxim Integrated Products MAX9512 Datasheet HTML 11Page - Maxim Integrated Products MAX9512 Datasheet HTML 12Page - Maxim Integrated Products MAX9512 Datasheet HTML 13Page - Maxim Integrated Products MAX9512 Datasheet HTML 14Page - Maxim Integrated Products MAX9512 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Video Filter Amplifier with SmartSleep
and Y/C Mixer Circuit
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
11
Active-Detect Mode
The active video detect circuit slices the YIN signal at
4.7% of the power supply (155mV for a 3.3V supply). If
the transitions occur at a rate of 14kHz or higher, then
a video signal is present. When the MAX9512 detects
a video signal with sync at the YIN input, the control
logic enters the active-detect mode and enables the
load sense circuitry (Figure 3). The supply current is
typically 17µA.
If an output load is not connected to any amplifier, the
MAX9512 remains in active-detect mode. Eight times per
second, each load-sense circuit checks for a load by
connecting an internal 15kΩ pullup resistor to the output
for 1ms. If the output is pulled up, then no load is pre-
sent. If the output stays low, a load is connected.
Full-Operation Mode
If a load is connected to an output, the corresponding
filter and amplifier turn on and remain on until the out-
put load is disconnected. In full-operation mode,
SmartSleep intelligently reduces the supply current
based on the input signal presence and output loading.
Figures 4 and 5 show which portions of the MAX9512
turn on and which remain off with different load configu-
rations. In Figure 4, both filters and the Y/C mixer turn
on to generate the composite video signal for the
amplifier connected to CVBSOUT1. In Figure 5, only the
luma filter turns on, and the Y/C mixer stays off.
When an amplifier is on, it continually checks if the load
has been disconnected by detecting if the amplifier
output is sourcing current during a horizontal line time.
If no sourcing current is detected within one horizontal
line time (approximately 64µs), the load has been dis-
connected and the amplifier returns to active-detect
mode. If, at any time, the input video signal is removed,
the MAX9512 returns to standby mode.
If the SmartSleep feature is not activated and the part is
not in shutdown, then the filters and amplifiers com-
pletely turn on, regardless of whether there is a video
signal at the CVBSIN input and whether there are loads
connected at the outputs.
CVBS1
CIN
YIN
COUT
YOUT
CVBSOUT1
CVBSOUT2
LPF
GND
+3.3V
VDD
LOAD SENSE
6dB
75
75
LPF
BUFFER
LOAD SENSE
BUFFER
6dB
LOAD SENSE
6dB
75
LOAD SENSE
6dB
75
MAX9512
17
µA
CHROMA
LUMA
NO
LOADS
CURRENT
DAC
CURRENT
DAC
VIDEO ENCODER
VIDEO SIGNAL
PRESENT
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
CVBS2
SHDN
SMARTSLEEP
CONTROL
LOGIC
ACTIVE VIDEO
DETECT
+3.3V
Figure 3. Active-Detect Mode with No Output Loads


Similar Part No. - MAX9512

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9512 MAXIM-MAX9512 Datasheet
338Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX9512ATE++ MAXIM-MAX9512ATE+ Datasheet
338Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX9512 MAXIM-MAX9512_09 Datasheet
338Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
More results

Similar Description - MAX9512

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9512 MAXIM-MAX9512_09 Datasheet
338Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
   Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
logo
New Japan Radio
NJM2274 NJRC-NJM2274 Datasheet
30Kb / 4P
   LOW POWER VIDEO AMPLIFIER WITH Y-C MIXER
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513 MAXIM-MAX9513_09 Datasheet
649Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 1; 2/09
MAX9508 MAXIM-MAX9508_09 Datasheet
387Kb / 25P
   CVBS/S-Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 2; 1/09
logo
New Japan Radio
NJM2567 NJRC-NJM2567 Datasheet
75Kb / 5P
   Low Voltage Video Amplifier with Y/C MIX and Filter
NJM2509 NJRC-NJM2509 Datasheet
194Kb / 5P
   VIDEO SUPER INPOSER WITH Y-C MIXER
logo
Agamem Microelectronic ...
AA8674 AGAMEM-AA8674 Datasheet
178Kb / 5P
   LOW POWER VIDEOE AMPLIFIER WITH Y-C MIXER
logo
List of Unclassifed Man...
SPT2210 ETC1-SPT2210 Datasheet
111Kb / 2P
   Y/C VIDEO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com