Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3212-EMX Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXQ3212-EMX
Description  Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3212-EMX Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXQ3212-EMX Datasheet HTML 1Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 2Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 3Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 4Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 5Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 6Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 7Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 8Page - Maxim Integrated Products MAXQ3212-EMX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AC CHARACTERISTICS (continued)
(VDD = VSHDN = +3.3V, VSMARTSLEEP = GND = 0V, RL = 150Ω to GND. TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
2T Bar Response
Bar time is 18µs, the beginning 2.5% and
the ending 2.5% of the bar time is ignored,
2T = 200ns or 250ns
0.2
K%
2T Pulse-to-Bar K Rating
Bar time is 18µs, the beginning 2.5% and
the ending 2.5% of the bar time is ignored,
2T = 200ns or 250ns
0.3
K%
Nonlinearity
5-step staircase
0.1
%
Interchannel Timing Error
Difference in time between the 50% point of
the output signals, YOUT to COUT
0.2
ns
Group Delay Distortion
100kHz
≤ f ≤ 5MHz, inputs are 1VP-P
10
ns
Interchannel Group Delay
Distortion Error
Outputs are 2VP-P
2ns
Peak Signal to RMS Noise
100kHz
≤ f ≤ 5MHz, inputs are 1VP-P
67
dB
Power-Supply Rejection Ratio
f = 100kHz, 200mVP-P, input referred
43
dB
Output Impedance
f = 5MHz
6
Enable Time
YIN = 1V, output settled to within 1% of the
final voltage, RL = 150
Ω to GND
13
µs
Disable Time
YIN = 1V, output settled to within 1% of the
final voltage, RL = 150
Ω to GND
1.1
µs
CROSSTALK
All Hostile Output Crosstalk
f = 4.43MHz
-71
dB
All Hostile Input Crosstalk
f = 4.43MHz, SHDN = GND,
input termination resistors are 75
-106
dB
Video Filter Amplifier with SmartSleep
and Y/C Mixer Circuit
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
5
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Specified current is an average over time.


Similar Part No. - MAXQ3212-EMX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
More results

Similar Description - MAXQ3212-EMX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9512 MAXIM-MAX9512_09 Datasheet
338Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
   Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
logo
New Japan Radio
NJM2274 NJRC-NJM2274 Datasheet
30Kb / 4P
   LOW POWER VIDEO AMPLIFIER WITH Y-C MIXER
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513 MAXIM-MAX9513_09 Datasheet
649Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 1; 2/09
MAX9508 MAXIM-MAX9508_09 Datasheet
387Kb / 25P
   CVBS/S-Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 2; 1/09
logo
New Japan Radio
NJM2567 NJRC-NJM2567 Datasheet
75Kb / 5P
   Low Voltage Video Amplifier with Y/C MIX and Filter
NJM2509 NJRC-NJM2509 Datasheet
194Kb / 5P
   VIDEO SUPER INPOSER WITH Y-C MIXER
logo
Agamem Microelectronic ...
AA8674 AGAMEM-AA8674 Datasheet
178Kb / 5P
   LOW POWER VIDEOE AMPLIFIER WITH Y-C MIXER
logo
List of Unclassifed Man...
SPT2210 ETC1-SPT2210 Datasheet
111Kb / 2P
   Y/C VIDEO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com