Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D147X0060K2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 135D147X0060K2
Description  Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D147X0060K2 Datasheet(HTML) 4 Page - Vishay Siliconix

  135D147X0060K2 Datasheet HTML 1Page - Vishay Siliconix 135D147X0060K2 Datasheet HTML 2Page - Vishay Siliconix 135D147X0060K2 Datasheet HTML 3Page - Vishay Siliconix 135D147X0060K2 Datasheet HTML 4Page - Vishay Siliconix 135D147X0060K2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
91
Model 135D
Vishay Sprague
Document Number: 40024
Revision 15-Jan-01
* Part Numbers listed are for units with
± 20% capacitance tolerance insulated capacitors. For ± 10% tolerance capacitors,
change the digit following the letter "X" from "0" to "9"; for
± 5%, change the digit following the letter "X" from "0" to "5". For
capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with
a high temperature insulating sleeve, change the last digit in the part number from "2" to "6".
6 WVDC @ + 85
°C . . . 4 WVDC @ + 125°C
Max. CAPACITANCE
CHANGE (%) @
+ 125
°C
STANDARD RATINGS
CAPACITANCE
(
µF)
Max. RIPPLE
40kHz
Irms
(mA)
+ 85
°C
- 55
°C
CASE
CODE
PART NUMBER*
Max. ESR
@ + 25
°C
120 Hz
(Ohms)
Max. IMP.
@ - 55
°C
120 Hz
(Ohms)
+ 25
°C
+ 85
°C
+ 125
°C
Max. DCL (
µA) @
120
150
390
560
820
1200
1200
1500
15 WVDC @ + 85
°C . . . 10 WVDC @ + 125°C
82
100
270
390
680
820
1000
180
220
560
820
1200
1500
1800
2200
8 WVDC @ + 85
°C . . . 5 WVDC @ + 125°C
150
180
470
680
1000
1500
1500
1800
10 WVDC @ + 85
°C . . . 7 WVDC @ + 125°C
1010
1000
1550
1500
1930
1900
2330
2300
14
13
16
16
20
20
25
25
16
16
20
20
25
25
30
30
- 50
- 64
- 77
- 88
- 88
- 90
- 90
- 90
6
9
9
14
18
20
24
24
2
2
3
3
5
5
6
6
33
36
21
18
16
18
13
13
2.7
3.0
1.8
2.5
1.3
1.5
1.0
1.0
135D187X0006C2
135D227X0006C2
135D567X0006F2
135D827X0006F2
135D128X0006T2
135D158X0006T2
135D188X0006K2
135D228X0006K2
C
C
F
F
T
T
K
K
C
C
F
F
T
T
K
K
960
1000
1500
1500
1930
1900
2330
2300
16
16
20
20
25
25
30
30
14
13
16
16
20
20
25
25
- 45
- 60
- 70
- 83
- 82
- 90
- 88
- 90
6
9
9
14
18
20
24
25
2
2
3
3
6
5
7
7
36
45
21
22
16
18
13
14
3.0
3.0
1.9
2.5
1.3
1.5
1.0
1.0
135D157X0008C2
135D187X0008C2
135D477X0008F2
135D687X0008F2
135D108X0008T2
135D158X0008T2
135D158X0008K2
135D188X0008K2
930
900
1470
1450
1930
1850
2330
2300
16
16
20
20
25
25
30
30
14
13
16
16
20
20
25
25
6
9
9
16
18
20
25
25
- 40
- 55
- 66
- 77
- 77
- 88
- 82
- 88
2
2
3
3
6
5
7
7
39
54
22
27
16
18
13
15
3.2
3.0
2.0
2.5
1.3
1.5
1.0
1.0
135D127X0010C2
135D157X0010C2
135D397X0010F2
135D567X0010F2
135D827X0010T2
135D128X0010T2
135D128X0010K2
135D158X0010K2
C
C
F
F
T
T
K
K
16
16
15
20
25
25
30
915
900
1430
1450
1860
1800
2330
12
13
16
16
20
20
25
- 35
- 44
- 62
- 66
- 74
- 77
- 77
6
9
9
16
18
24
32
2
2
3
3
6
6
8
43
72
25
31
16
22
13
3.3
3.9
2.1
2.5
1.4
1.7
1.0
135D826X0015C2
135D107X0015C2
135D277X0015F2
135D397X0015F2
135D687X0015T2
135D827X0015T2
135D108X0015K2
C
C
F
F
T
T
K
100 WVDC @ + 85
°C . . . 70 WVDC @ + 125°C
1.7
3.6
9
14
18
25
56
2.5
4.7
11
22
30
43
86
125 WVDC @ + 85
°C . . . 85 WVDC @ + 125°C
C
C
F
F
T
T
K
15.6
11.1
7.4
5.7
3.7
3.2
1.6
1250
600
240
167
129
93
32
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 15
- 16
- 16
- 16
- 16
- 16
- 16
- 25
2.0
2.0
4.0
4.0
8.0
8.0
20.0
415
495
755
860
1130
1200
1800
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
505
565
835
935
1200
1335
1800
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 15
- 16
- 16
- 16
- 16
- 16
- 20
- 25
2.0
2.0
4.0
4.0
8.0
8.0
20.0
1.0
1.0
1.0
1.0
2.0
2.0
4.0
950
500
200
100
80
70
30
10.6
8.5
6.0
4.8
3.3
2.6
1.6
135D255X0100C2
135D475X0100C2
135D116X0100F2
135D226X0100F2
135D306X0100T2
135D436X0100T2
135D866X0100K2
C
C
F
F
T
T
K
1.0
1.0
1.0
1.0
2.0
2.0
4.0
135D175X0125C2
135D365X0125C2
135D905X0125F2
135D146X0125F2
135D186X0125T2
135D256X0125T2
135D566X0125K2
EXTENDED RATINGS


Similar Part No. - 135D147X0060K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D147X0060K2 VISHAY-135D147X0060K2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D147X0060K2 VISHAY-135D147X0060K2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D147X0060K2 VISHAY-135D147X0060K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D147X0060K2 VISHAY-135D147X0060K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D147X0060K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com