Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16374DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AVC16374DGG
Description  16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16374DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AVC16374DGG Datasheet HTML 3Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 4Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 9Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 10Page - NXP Semiconductors 74AVC16374DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 Mar 09
7
Philips Semiconductors
Product Specification
16-bit edge triggered D-type flip-flop; 3.6 V tolerant;
3-state
74AVC16374
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
according to JEDEC Low Voltage
Standards
1.4
1.6
V
1.65
1.95
V
2.3
2.7
V
3.0
3.6
V
for low-voltage applications
1.2
3.6
V
VI
DC input voltage
0
3.6
V
VO
DC output voltage
output 3-state
0
3.6
V
output HIGH or LOW state
0
VCC
V
Tamb
operating ambient temperature in free air
−40
+85
°C
tr, tf
input rise and fall time ratios
VCC = 1.4 to 1.6 V
0
40
ns/V
VCC = 1.65 to 2.3 V
0
30
ns/V
VCC = 2.3 to 3.0 V
0
20
ns/V
VCC = 3.0 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+4.6
V
IIK
DC input diode current
VI <0
−−50
mA
VI
DC input voltage
for inputs; note 1
−0.5
+4.6
V
IOK
DC output clamping diode
current
VO <0
−−50
mA
VO
DC output voltage
output HIGH or LOW state; note 1
−0.5
VCC + 0.5 V
output 3-state; note 1
−0.5
+4.6
V
IO
DC output sink current
VO =0toVCC
50
mA
ICC, IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package for temperature range:
−40 to +85 °C;
note 2
500
mW


Similar Part No. - 74AVC16374DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16374DGG NEXPERIA-74AVC16374DGG Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374DGG-Q100 NEXPERIA-74AVC16374DGG-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
logo
Texas Instruments
74AVC16374DGGRE4 TI-74AVC16374DGGRE4 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - 74AVC16374DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT16374A NXP-74LVT16374A Datasheet
187Kb / 19P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com