Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16834 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AVC16834
Description  18-bit registered driver with inverted register enable 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16834 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AVC16834 Datasheet HTML 1Page - NXP Semiconductors 74AVC16834 Datasheet HTML 2Page - NXP Semiconductors 74AVC16834 Datasheet HTML 3Page - NXP Semiconductors 74AVC16834 Datasheet HTML 4Page - NXP Semiconductors 74AVC16834 Datasheet HTML 5Page - NXP Semiconductors 74AVC16834 Datasheet HTML 6Page - NXP Semiconductors 74AVC16834 Datasheet HTML 7Page - NXP Semiconductors 74AVC16834 Datasheet HTML 8Page - NXP Semiconductors 74AVC16834 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Preliminary specification
74AVC16834
18-bit registered driver with inverted register enable
(3-State)
2
1999 Jul 23
FEATURES
Wide supply voltage range of 1.2 V to 3.6 V
Complies with JEDEC standard no. 8-1A/5/7.
CMOS low power consumption
Input/output tolerant up to 3.6 V
DCO (Dynamic Controlled Output) circuit dynamically changes
output impedance, resulting in noise reduction without speed
degradation
Low inductance multiple V
CC and GND pins for minimum noise
and ground bounce
Power off disables 74AVC16834 outputs, permitting Live Insertion
DESCRIPTION
The 74AVC16834 is a 18-bit universal bus driver. Data flow is
controlled by output enable (OE), latch enable (LE) and clock inputs
(CP).
This product is designed to have an extremely fast propagation
delay and a minimum amount of power consumption.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor (Live
Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to
support termination line drive during transient. See the graphs on
page 8 for typical curves.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
NC
NC
Y0
Y1
Y2
Y3
Y4
Y5
GND
VCC
GND
Y6
Y7
Y8
Y9
Y10
Y11
GND
Y12
Y13
Y14
VCC
Y15
Y16
GND
Y17
OE
LE
GND
NC
A0
GND
A1
A2
VCC
A3
A4
A5
GND
A6
A7
A8
A9
A10
A11
GND
A12
A13
A14
VCC
A15
A16
GND
A17
CP
GND
SH00156
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.0 ns; CL = 30 pF.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Yn
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
2.6
2.0
1.7
ns
tPHL/tPLH
Propagation delay
LE to Yn;
CP to Yn
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
2.9
2.3
1.9
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
Outputs enabled
25
pF
CPD
Power dissi ation ca acitance er buffer
VI = GND to VCC1
Output disabled
6
F
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V; S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
ORDER CODE
DRAWING
NUMBER
56-Pin Plastic Thin Shrink Small Outline (TSSOP) Type II
–40
°C to +85°C
74AVC16834 DGG
SOT364-1


Similar Part No. - 74AVC16834

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
logo
Nexperia B.V. All right...
74AVC16834A NEXPERIA-74AVC16834A Datasheet
234Kb / 14P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
logo
NXP Semiconductors
74AVC16834ADGG PHILIPS-74AVC16834ADGG Datasheet
121Kb / 13P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
logo
Nexperia B.V. All right...
74AVC16834ADGG NEXPERIA-74AVC16834ADGG Datasheet
234Kb / 14P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
logo
NXP Semiconductors
74AVC16834ADGV PHILIPS-74AVC16834ADGV Datasheet
121Kb / 13P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
More results

Similar Description - 74AVC16834

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com