Electronic Components Datasheet Search |
|
E3S-AT36 Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
E3S-AT36 Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 18 page 5 E3S-A E3S-A PNP Cable Type with Self-Diagnostic Functions Through-beam emitter E3S-AT41, E3S-AT91 Through-beam receiver E3S-AT41, E3S-AT91 Diffuse reflective E3S-AD41, E3S-AD42, E3S-AD91, E3S-AD92 Main circuit Z D Z D 100 mA max. Red (Brown) Self-diagnostic output Load (relay) Black (Blue) 50 mA max. Orange Load (relay) White (Black) Control output Stability (Green) Light (Red) 10 to 30 VDC Main circuit 10 to 30 VDC Check input Black (Blue) Gray (Pink) 0 V Red (Brown) PNP Cable Type with Alarm Output Diffuse reflective E3S-AD43, E3S-AD93 Retroreflective E3S-AR41, E3S-AR91 Main circuit Z D Z D 100 mA max. Red (Brown) Alarm output Load (relay) Black (Blue) Orange (White) Load (relay) White (Black) Control output Light (Red) 10 to 30 VDC Main circuit Z D 100 mA max. Z D 50 mA max. 4.4K Red (Brown) Orange Control output Load (relay) Load (relay) Black (Blue) Check input Self- diagnostic output Gray (Pink) White (Black) Light (Red) Stability (Green) 10 to 30 VDC 50 mA max. Stability (Green) PNP Connector Type Through-beam emitter E3S-AT36, E3S-AT86 Through-beam receiver E3S-AT36, E3S-AT86 Retroreflective E3S-AR36, E3S-AR86 Diffuse reflective E3S-AD36, E3S-AD37, E3S-AD38, E3S-AD86, E3S-AD87, E3S-AD88, (relay) Output Load NOTE: IEC colors are shown in parentheses. |
Similar Part No. - E3S-AT36 |
|
Similar Description - E3S-AT36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |