Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68322UM Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC68322UM
Description  Integrated Printer Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68322UM Datasheet(HTML) 3 Page - Motorola, Inc

  MC68322UM Datasheet HTML 1Page - Motorola, Inc MC68322UM Datasheet HTML 2Page - Motorola, Inc MC68322UM Datasheet HTML 3Page - Motorola, Inc MC68322UM Datasheet HTML 4Page - Motorola, Inc MC68322UM Datasheet HTML 5Page - Motorola, Inc MC68322UM Datasheet HTML 6Page - Motorola, Inc MC68322UM Datasheet HTML 7Page - Motorola, Inc MC68322UM Datasheet HTML 8Page - Motorola, Inc MC68322UM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MC68322 PRODUCT INFORMATION
3
FEATURES
• Static EC000 Core Processor
– Complete Code Compatibility with M68000 Family
– Glueless Interface to Peripherals
– 256 Mbyte Address Range
• Graphics Execution Unit (GEU)
– Memory Reduction Techniques
- Run Length Encoded Scan Line Tables
– RISC Graphics Processor (RGP)
- Processes Multi-Operation Graphics Orders from Display List
- Produces Compressed Bit Map Image using Hardware Banding
- Dedicated Graphics Bus Allows up to 8 PPM Performance at 600 DPI Resolution
– Print Engine Video Controller (PVC)
- Converts Bit Map Image to Serial Data Stream and Feeds Print Engine
- Generic, Programmable, Non-Impact Printer Communications Interface
- Toner Conservation Technique
– Dedicated High-Performance DMA Controller for GEU Operations
• Bus Interface Unit (BIU)
– Dual Bus Architecture Allows Separate Buses to Function Independently
– Distributed Processing Optimizes System Performance
• System Integration Module (SIM)
– 8 Programmable Chip Selects
– 256 Kbytes to 512 Mbytes of PROM Address Space
– Independently Programmable Timing Parameters for each ROM Bank
– Integrated System Timer
• DRAM System Integration Module (DSIM)
– Supports 512 Kbyte, 2 Mbyte, and 8 Mbyte DRAM Bank Sizes
– Directly Controls up to 6 Banks of DRAM; Supports up to 48 Mbytes of DRAM
– Programmable Transparent Refresh of DRAM Banks
– Bursting DRAM Interface
• General-Purpose DMA Controller Module
– Provides High Speed Downloads Without Impact to Core Processor Performance
• IEEE 1284 Parallel Port Controller Module
– DMA Controller Supports 2 Mbyte/sec Bidirectional Communication Transfers
• 16MHz or 20MHz Operation
• 160 Pin Plastic Quad Flat Pack (QFP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68322UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68328 MOTOROLA-MC68328 Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
MC68328P MOTOROLA-MC68328P Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
MC68328UM MOTOROLA-MC68328UM Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
More results

Similar Description - MC68322UM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32CG16-10 NSC-NS32CG16-10 Datasheet
728Kb / 82P
   High-Performance Printer / Display Processor
logo
NXP Semiconductors
P1020PB NXP-P1020PB Datasheet
592Kb / 16P
   Integrated Processor
Rev. 0 11/2008
logo
ATMEL Corporation
PC8245 ATMEL-PC8245 Datasheet
429Kb / 61P
   Integrated Processor Family
TSPC860 ATMEL-TSPC860 Datasheet
1Mb / 93P
   Integrated Communication Processor
logo
Motorola, Inc
MC68306FC16 MOTOROLA-MC68306FC16 Datasheet
1Mb / 191P
   Integrated EC000 Processor
logo
Freescale Semiconductor...
MC68330 FREESCALE-MC68330 Datasheet
1Mb / 37P
   Integrated CPU32 Processor
logo
Motorola, Inc
MC68340 MOTOROLA-MC68340 Datasheet
701Kb / 24P
   Integrated Processor Unit
logo
Ramtron International C...
FM4005 RAMTRON-FM4005 Datasheet
236Kb / 23P
   Integrated Processor Companion
logo
NXP Semiconductors
MC68330 NXP-MC68330 Datasheet
1Mb / 37P
   Integrated CPU32 Processor
Rev 1
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com