Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2804U2528 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2804U2528
Description  Low Dropout Voltage Regulator with Reset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2804U2528 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2804U2528 Datasheet HTML 1Page - New Japan Radio NJM2804U2528 Datasheet HTML 2Page - New Japan Radio NJM2804U2528 Datasheet HTML 3Page - New Japan Radio NJM2804U2528 Datasheet HTML 4Page - New Japan Radio NJM2804U2528 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NJM2804
-1 -
Ver.2004-01-19
Low Dropout Voltage Regulator with Reset
!
GENERAL DISCRIPTION
!
PACKAGE OUTLINE
The NJM2804 is a low dropout voltage regulator with reset
function.
It provides up to 300mA of logic supply, and the reset function
monitors input voltage of the regulator with 1% accuracy.
It is suitable for local power supply and reset for small micro
controller and other logic chips.
!
FEATURES
"
Output Voltage Accuracy
Vo
±1.0%
"
Reset Voltage Accuracy
VRT
±1.0%
"
Reset Hold Time
td = 10mS
±1.0mS
"
Ripple Rejection
70dB typ. (f =1kHz)
"
Quiescent Current
IQ = 250
µA (typ.)
"
Input Voltage Monitor type
"
Open Collector Output
"
Internal Short Circuit Current Limit
"
Internal Thermal Overload Protection
"
Bipolar Technology
"
Package Outline
SOT-89 -5
!
OUTPUT VOLTAGE/ DETECTION VOLTAGE
Device Name
VOUT
VDET
NJM2804U2528
2.5V
2.8V
NJM2804U3342
3.3V
4.2V
!
EQUIVALENT CIRCUIT
VOUT
GND
VIN
Thermal
Protection
Bandgap
Reference
Cd
VOR
!
PIN CONFIGURATION
NJM2804U
PIN FUNCTION
1.VOUT
2.GND
3.Cd
4.VOR
5.VIN
NJM2804U
12
3
4
52


Similar Part No. - NJM2804U2528

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2800-2528 NJRC-NJM2800-2528 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2800-3342 NJRC-NJM2800-3342 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2801-0543 NJRC-NJM2801-0543 Datasheet
134Kb / 4P
   Low Dropout Voltage Regulator with Reset
More results

Similar Description - NJM2804U2528

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2807 NJRC-NJM2807 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
ON Semiconductor
NCV4949DW ONSEMI-NCV4949DW Datasheet
123Kb / 12P
   Low Dropout Voltage Regulator with Power-On Reset
November, 2002 - Rev. 1
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com