Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JZC-7FF0091ZSF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JZC-7FF0091ZSF
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JZC-7FF0091ZSF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JZC-7FF0091ZSF Datasheet HTML 1Page - List of Unclassifed Manufacturers JZC-7FF0091ZSF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS CURVE
12.2
12.2
22.5max.
3.5
16.5max.
2.3
5
Ø1.4
2.1
2
1
22.5max.
3.5
Ø1.4
2.1
2
2.3
5
1
16.5max.
1A
3- Ø 1.3
3
5
2
1
3
4- Ø 1.3
2
3
3
1C
4
5
1
4
1HT(VDC)
1ZT(VDC)
0
5
10
50
0
10
15
1Z
1H,1ZT
1HT
1
10
100
30VDC,250VAC
(Resistive)
100
0A
5A
0
10
100
1000
30
20
40
10A
10
80
100
90
110
120
130
1ZT(VAC)
1HT(VAC)
50
60
LIFE CURVE
MAXIMUM SWITCHING POWER
COIL TEMPERATURE RISE
Contact Current (A)
Contact Voltage (V)
Percentage Of Nominal Coil Voltage
52
Coil voltage 3, 5, 6, 9, 12, 18, 24, 48VDC
JZC-7FF /
012
S
1H
T
Contact Material
T: AgSnO2(10A) Nil: Silver Alloy(5A)
ORDERING INFORMATION
Type
Structure
S: Sealed IP67
Nil: Unsealed
Contact arrangement 1H:1 Form A
1Z:1 Form C
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
Wiring Diagram
PCB layout
F
Insulation System
F: Class F 155
Nil: Class B 130


Similar Part No. - JZC-7FF0091ZSF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC120.5 DBLECTRO-JZC-7F01DC120.5 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC120.6 DBLECTRO-JZC-7F01DC120.6 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC12S0.5 DBLECTRO-JZC-7F01DC12S0.5 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC12S0.6 DBLECTRO-JZC-7F01DC12S0.6 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
More results

Similar Description - JZC-7FF0091ZSF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com