Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P813BQ Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
EM78815 mode (must set RE page2 bit2 ~ bit4 = 1)
30us
Key scan pin(P8,P9)
VDD
GND
Fig.4(b) : EM78815 mode Key scan signal(share with IO pin)
EXSEL pin : 0/1
On-Chip program ROM used/unused switch(EM78815 mode only).
EM78P813 support MAX 128K Program . User can port program to both 64K EM78P813 on_chip ROM and
64K expand ROM .
User also can ignore 64K EM78P813 on_chip ROM and porting all programs to a external
128K ROM. Using this function, user can upgrade program or download new function easily.
EM78P813 provide Data ROM expand function. When user access data which address is over 256K, external
ROM will be load. User must set expand start address of Data ROM to RF PAGE1, PAGE2 and IOCB PAGE1. A
diagram of expand function is as below.
64K Program ROM
(PAGE0 ~ PAGE 63)
256K byte
Data ROM
EM78P813
(EXSEL pin go low)
MAX 2M Byte Expand ROM
(FLASH ROM)
64K word Program ROM
(PAGE64~PAGE127)
ExpandData ROM
Expand Data ROM start address
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
RF PAGE1
RF PAGE2
0
ROM
Address
0
ROM
Address
9
ROM
Address
17
b0
b0
b7
b7
IOCB
B7
Fig5(a) : EXSEL = 0,both internal and external program are used.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com