Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16836 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AVC16836
Description  20-bit registered driver with inverted register enable 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16836 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AVC16836 Datasheet HTML 1Page - NXP Semiconductors 74AVC16836 Datasheet HTML 2Page - NXP Semiconductors 74AVC16836 Datasheet HTML 3Page - NXP Semiconductors 74AVC16836 Datasheet HTML 4Page - NXP Semiconductors 74AVC16836 Datasheet HTML 5Page - NXP Semiconductors 74AVC16836 Datasheet HTML 6Page - NXP Semiconductors 74AVC16836 Datasheet HTML 7Page - NXP Semiconductors 74AVC16836 Datasheet HTML 8Page - NXP Semiconductors 74AVC16836 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Preliminary specification
74AVC16836
20-bit registered driver with inverted register enable
(3-State)
1999 Jul 23
5
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For all inputs1
–0.5 to 4.6
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage; output 3-State
Note 1
–0.5 to 4.6
V
VO
DC output voltage;
output HIGH or LOW state
Note 1
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 8 mW/K
600
mW
NOTE:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VCC = 1.2 V
VCC
VIH
HIGH level Input voltage
VCC = 1.65 to 1.95 V
0.65VCC
0.9
V
VIH
HIGH level In ut voltage
VCC = 2.3 to 2.7 V
1.7
1.2
V
VCC = 3.0 to 3.6 V
2.0
1.5
VCC = 1.2 V
GND
VIL
LOW level Input voltage
VCC = 1.65 to 1.95 V
0.9
0.35VCC
V
VIL
LOW level In ut voltage
VCC = 2.3 to 2.7 V
1.2
0.7
V
VCC = 3.0 to 3.6 V
1.5
0.8
VCC = 1.65 to 3.6 V; VI = VIH or VIL;
VCC*020
VCC
CC
I
IH
IL
IO = –100 µA
VCC*0.20
VCC
VOH
HIGH level output voltage
VCC = 1.65 V; VI = VIH or VIL; IO = –4 mA
VCC*0.45
VCC*0.10
V
VCC = 2.3 V; VI = VIH or VIL; IO = –8 mA
VCC*0.55
VCC*0.28
VCC = 3.0 V; VI = VIH or VIL; IO = –12 mA
VCC*0.70
VCC*0.32
VCC = 1.65 to 3.6 V; VI = VIH or VIL;
GND
020
CC
I
IH
IL
IO = 100 µA
GND
0.20
VOL
LOW level output voltage
VCC = 1.65 V; VI = VIH or VIL; IO = 4 mA
0.10
0.45
V
VCC = 2.3 V; VI = VIH or VIL; IO = 8 mA
0.26
0.55
VCC = 3.0 V; VI = VIH or VIL; IO = 12 mA
0.36
0.70
VCC = 1 65 to 3 6 V;
II
Input leakage current
VCC = 1.65 to 3.6 V
VI =VCC or GND
0.1
2.5
µA
I
g
VI = VCC or GND
µ
IOFF
3-State output OFF-state current
VCC = 0 V; VI or VO = 3.6 V
0.1
"10
µA
IIHZ/IILZ
3-State output OFF-state current
VCC = 1.65 to 3.6 V; VI = VCC or GND
0.1
12.5
µA
IOZ
3-State output OFF-state current
VCC = 1.65 to 2.7 V; VI = VIH or VIL;
VO = VCC or GND
0.1
5
µA
IOZ
3-State out ut OFF-state current
VCC = 3.0 to 3.6 V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 1.65 to 2.7 V; VI = VCC or GND; IO = 0
0.1
20
µA
ICC
Quiescent su
ly current
VCC = 3.0 to 3.6 V; VI = VCC or GND; IO = 0
0.2
40
µA
NOTES:
1. All typical values are at Tamb = 25°C.


Similar Part No. - 74AVC16836

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16836A PHILIPS-74AVC16836A Datasheet
122Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
74AVC16836A PHILIPS-74AVC16836A Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74AVC16836ADGG PHILIPS-74AVC16836ADGG Datasheet
122Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
logo
Nexperia B.V. All right...
74AVC16836ADGG NEXPERIA-74AVC16836ADGG Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
More results

Similar Description - 74AVC16836

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com