Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTZD3154N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTZD3154N
Description  Small Signal MOSFET 20 V, 540 mA, Dual N?묬hannel
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTZD3154N Datasheet(HTML) 3 Page - ON Semiconductor

  NTZD3154N Datasheet HTML 1Page - ON Semiconductor NTZD3154N Datasheet HTML 2Page - ON Semiconductor NTZD3154N Datasheet HTML 3Page - ON Semiconductor NTZD3154N Datasheet HTML 4Page - ON Semiconductor NTZD3154N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTZD3154N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
234
56
78
9
10
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
1.8 V
VGS = 1.6 V
VGS = 1.4 V
VGS = 1.2 V
VGS = 1.0 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.5
1.0
1.5
2.0
2.5
3.0
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS w 10 V
TJ = 25°C
TJ = 100°C
TJ = −55°C
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
12
34
5
6
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID = 0.54 A
TJ = 25°C
5.5 V
VGS = 2.0 V to 2.2 V
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.2
0.4
0.6
0.8
1
1.2
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
TJ = 25°C
VGS = 1.8 V
VGS = 2.5 V
VGS = 4.5 V
TJ = 25°C
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 0.54 A
VGS = 4.5 V
10
100
1000
2
4
6
8
101214
1618
20
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
TJ = 150°C
TJ = 100°C
VGS = 0 V


Similar Part No. - NTZD3154N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTZD3154N ONSEMI-NTZD3154N Datasheet
76Kb / 5P
   Small Signal MOSFET
December, 2014 ??Rev. 3
NTZD3154N ONSEMI-NTZD3154N_14 Datasheet
76Kb / 5P
   Small Signal MOSFET
December, 2014 ??Rev. 3
More results

Similar Description - NTZD3154N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTZD3155C ONSEMI-NTZD3155C Datasheet
116Kb / 8P
   Small Signal MOSFET Complementary 20 V, 540 mA / -430 mA, with ESD protection, SOT-563 package.
May, 2007 - Rev. 2
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
VN2410L ONSEMI-VN2410L Datasheet
120Kb / 3P
   Small Signal MOSFET 240 V, 200 mA, N?묬hannel TO??2
January, 2009 ??Rev. 5
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
   Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
NTR5103N ONSEMI-NTR5103N Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
2N7002E ONSEMI-2N7002E_V01 Datasheet
205Kb / 6P
   Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com