Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89537PFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB89537PFV
Description  8-bit Original Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89537PFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB89537PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89537PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
MB89530 Series
5
(Continued)
*1 : Depends on operating frequency.
*2 : Using external ROM and MBM27C512.
*3 : tinst represents instruction execution time. This can be selected as 1/4, 1/8, 1/16, 1/64 of the main clock
cycle or 1/2 of the sub clock cycle.
Note : MB89537/538 have no built-in I2C functions.
To use I2C functions, choose the MB89PV530/P538/F538L/MB89537C/538C.
Part number
Parameter
MB89537/537C
MB89538/538C
MB89F538L
MB89P538
MB89PV530
Pulse width
count timer
8-bit one-shot timer operation
(supports underflow output, operating clock period : 1, 4, 32 tinst*3, external)
8-bit reload timer operation
(supports square wave output, operating clock period : 1, 4, 32 tinst*3, external)
8-bit pulse width measurement operation
(continuous measurement, H width measurement, L width measurement, rise-to-rise, fall-
to-fall, H width measurement and rise-to-rise)
16-bit timer/
counter
16-bit timer operation (operating clock period : 1 tinst*3, external)
16-bit event counter operation (select rising, falling, or both edges)
16-bit
× 1 ch
Serial I/O
8 bit length, Selection of LSB first or MSB first, Transfer clock (2, 8, 32 tinst*3, external)
UART/SIO
CLK synchronous/CLK asynchronous data transfer capability (8, 9 bit with parity bit, or 7,8
bit without parity bit) .
Built-in baud rate generator provides selection of 14 baud rate settings.
UART
CLK synchronous/CLK asynchronous data transfer capability (4, 6, 7, 8 bit with parity bit,
or 5, 7, 8, 9 bit without parity bit) .
Built-in baud rate generator provides selection of 14 baud rate settings.
External clock output, 2-channel 8-bit PWM timer output also available for baud rate set-
tings.
External
interrupt 1
Single-clock : 4-channel independent, dual-clock : 3-channel independent
Selection of rising, falling, or both edge detection.
Can be used for recovery from standby mode (edge detection also available in stop mode) .
External
interrupt 2
Except for MB89F538L : 8-channel independent L level detection, MB89F538L : 7-channel
independent L level detection
Can be used for recovery from standby mode.
6-bit PPG,
12-bit PPG
Can generate square wave signals with programmable period.
6-bit
× 1 channel or 12-bit × 2 channels.
I2C bus interface
1-channel , compatible with Intel System Administrator bus version 1.0 and Philips I2C
specifications.
2-line communications (on MB89PV530/P538/F538L/537C/538C)
A/D converter
10-bit resolution
× 8 channels.
A/D conversion functions (conversion time : 60 tinst *3)
Supports repeated calls from external clock (except for MB89F538L)
Supports repeated calls from internal clock.
Standard voltage input provided (AVR)
Standby modes
(power saving
modes)
Sleep mode, stop mode, sub clock mode, watch mode.
Process
CMOS


Similar Part No. - MB89537PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89537A FUJITSU-MB89537A Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89537AC FUJITSU-MB89537AC Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89537ACP FUJITSU-MB89537ACP Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89537ACPF FUJITSU-MB89537ACPF Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89537ACPFM FUJITSU-MB89537ACPFM Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
More results

Similar Description - MB89537PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89537H FUJITSU-MB89537H Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
MB90423G FUJITSU-MB90423G Datasheet
1Mb / 99P
   16-Bit Original Microcontroller
MB90425G FUJITSU-MB90425G Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_08 Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90M405 FUJITSU-MB90M405_05 Datasheet
572Kb / 64P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_04 Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com