Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-IM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STK12C68-IM
Description  CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK12C68-IM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK12C68-IM Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-IM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
45
STK12C68-IM
Note e: These parameters guaranteed but not tested.
Note n: HSB is an I/O that has a weak internal pullup; it is basically an open drain output. It is meant to allow up to 32 STK12C68-IMs to be ganged together for
simultaneous storing. Do not use HSB to pullup any external circuitry other than other STK12C68 HSB pins.
Note o: A RECALL cycle is initiated automatically at power up when VCC exceeds VSWITCH. tRESTORE is measured from the point at which VCC exceeds 4.5V.
MODE SELECTION
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
l
L
L
H
X
Write SRAM
Input Data
Active
L
H
H
0000
Read SRAM
Output Data
Active
k,l
1555
Read SRAM
Output Data
k,l
0AAA
Read SRAM
Output Data
k,l
1FFF
Read SRAM
Output Data
k,l
10F0
Read SRAM
Output Data
k,l
0F0F
Nonvolatile
STORE
Output High Z
k
L
H
H
0000
Read SRAM
Output Data
Active
k,l
1555
Read SRAM
Output Data
k,l
0AAA
Read SRAM
Output Data
k,l
1FFF
Read SRAM
Output Data
k,l
10F0
Read SRAM
Output Data
k,l
0F0E
Nonvolatile
RECALL
Output High Z
k
XX
L
X
STORE/Inhibit
Output High Z
ICC2/Standby
m
NONVOLATILE MEMORY OPERATION
E
W
HSB
A12 - A0(hex)
MODE
I/O
POWER
NOTES
Note k:
The six consecutive addresses must be in order listed - (0000, 1555, 0AAA, 1FFF, 10F0, 0F0F) for a
STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0,
0F0E) for a
RECALL cycle. W must be high during all six consecutive cycles. See STORE cycle and RECALL cycle tables and diagrams for further details.
Note l:
I/O state assumes that G
≤ VIL. Activation of nonvolatile cycles does not depend on the state of G.
Note m: HSB initiated
STORE operation actually occurs only if a WRITE has been done since last STORE operation. After the STORE (if any) completes, the
part will go into standby mode inhibiting all operation until HSB rises.
HARDWARE
STORE /RECALL
SYMBOLS
NO.
PARAMETER
MIN
MAX
UNITS
NOTES
22
tRECALL
RECALL Cycle Duration
20
µs
Note o
23
tSTORE
tHLHH
STORE Cycle Duration
10
ms
VCC ≥ 4.5V
24
tDELAY
tHLQZ
HSB Low to Inhibit On
1
µs
25
tRECOVER
tHHQX
HSB High to Inhibit Off
700
ns
Note e
26
tASSERT
tHLHX
External
STORE Pulse Width
250
ns
Note e
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
IHSB_OL
HSB Output Low Current
3
mA
HSB = VOL, Note e, n
IHSB_OH
HSB Output High Current
5
60
µA
HSB = VIL, Note e, n
HARDWARE
STORE /RECALL
HSB
W
RECALL
STORE
SRAM
Inhibit
Software STORE
HSB Initiated STORE
Power Down STORE
Brown Out RECALL
Power Up RECALL
VSWITCH
VCAP
24
tDELAY
26
tASSERT
22
tRECALL
24
tDELAY
25
tRECOVER
23
tSTORE
23
tSTORE
23
tSTORE


Similar Part No. - STK12C68-IM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-40M ETC-STK12C68-40M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
STK12C68-45M ETC-STK12C68-45M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Cypress Semiconductor
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK12C68-55M ETC-STK12C68-55M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
STK12C68-5C25 ETC-STK12C68-5C25 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK12C68-IM

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com