Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-C25IM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STK12C68-C25IM
Description  CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK12C68-C25IM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK12C68-C25IM Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-C25IM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
43
STK12C68-IM
NO.
PARAMETER
UNITS
Note c: Bringing E
≥ VIH will not produce standby currents until any nonvolatile cycle in progress has timed out. See MODE SELECTION table.
Note e: Parameter guaranteed but not tested.
Note f: For READ CYCLE #1 and #2, W is high for entire cycle.
Note g: Device is continuously selected with E low and G low.
Note h: Measured
± 200mV from steady state output voltage.
READ CYCLE #1 f,g
DQ (Data Out)
ADDRESS
DATA VALID
2
tAVAV
3
tAVQV
5
tAXQX
READ CYCLES #1 & #2
SRAM MEMORY OPERATION
ADDRESS
E
G
DQ (Data Out)
DATA VALID
2
tAVAV
1
tELQV
6
tELQX
4
tGLQV
8
tGLQX
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ
ICC
ACTIVE
STANDBY
READ CYCLE #2 f
1tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2tAVAV
tRC
Read Cycle Time
25
35
45
ns
3tAVQV
g
tAA
Address Access Time
25
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
10
20
25
ns
5tAXQX
tOH
Output Hold After Address Change
5
5
5
ns
6tELQX
tLZ
Chip Enable to Output Active
5
5
5
ns
7tEHQZ
h
tHZ
Chip Disable to Output Inactive
10
17
20
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZ
h
tOHZ
Output Disable to Output Inactive
10
17
20
ns
10
tELICCH
e
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
c,e
tPS
Chip Disable to Power Standby
25
35
45
ns
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
SYMBOLS
STK12C68-25-IM
STK12C68-35-IM
STK12C68-45-IM
(VCC = 5.0V ± 10%)d


Similar Part No. - STK12C68-C25IM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-C25I ETC-STK12C68-C25I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C25I ETC-STK12C68-C25I Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results

Similar Description - STK12C68-C25IM

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com