Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL230ARP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSL230ARP
Description  PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TSL230ARP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL230ARP Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL230ARP Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL230ARP Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL230ARP Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL230ARP Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL230ARP Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL230ARP Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL230ARP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSL230R, TSL230AR, TSL230BR
PROGRAMMABLE LIGHT TOFREQUENCY CONVERTERS
TAOS048 – OCTOBER 2002
1
The
LUMENOLOGY
r Company
t
t
Copyright
E 2002, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D Programmable Sensitivity and Full-Scale
Output Frequency
D Communicates Directly With a Microcontroller
D Single-Supply Operation Down to 2.7 V,
With Power-Down Feature
D Absolute Output Frequency Tolerance of
±5% (TSL230BR)
D Nonlinearity Error Typically 0.2% at 100 kHz
D Stable 150 ppm/°C Temperature Coefficient
D Replacements for TSL230, TSL230A, and
TSL230B
Description
The TSL230R, TSL230AR, and TSL230BR programmable light-to-frequency converters combine a
configurable silicon photodiode and a current-to-frequency converter on single monolithic CMOS integrated
circuits. The output can be either a pulse train or a square wave (50% duty cycle) with frequency directly
proportional to light intensity. Device sensitivity is selectable in three ranges, providing two decades of
adjustment. The full-scale output frequency can be scaled by one of four preset values. All inputs and the output
are TTL compatible, allowing direct two-way communication with a microcontroller for programming and output
interface. An output enable (OE) is provided that places the output in the high-impedance state for multiple-unit
sharing of a microcontroller input line.
The devices are available with absolute-output-frequency tolerances of
±5% (TSL230BR), ±10% (TSL230AR),
or
±20% (TSL230R). They have been temperature compensated for the ultraviolet-to-visible light range of
320 nm to 700 nm and respond over the light range of 320 nm to 1050 nm. The devices are characterized over
the temperature range of –25
°C to 70°C.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode Array
S0
S1
S2
S3
OE
Output
t
t
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
2
3
4
8
7
6
5
S0
S1
OE
GND
S3
S2
OUT
VDD
PACKAGE P
8-LEAD PDIP
(TOP VIEW)


Similar Part No. - TSL230ARP

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL230ARP-LF TAOS-TSL230ARP-LF Datasheet
147Kb / 8P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com