Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05VY053ZZ Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ05VY053ZZ
Description  Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05VY053ZZ Datasheet(HTML) 3 Page - Sharp Corporation

  PQ05VY053ZZ Datasheet HTML 1Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 2Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 3Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 4Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 5Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 6Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 7Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 8Page - Sharp Corporation PQ05VY053ZZ Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PQ05VY3H3Z/PQ05VY053Z
Fig.5 Overcurrent Protection Characteristics
(PQ05VY053Z)
Fig.4 Overcurrent Protection Characteristics
(PQ05VY3H3Z)
Fig.6 Reference Voltage Fluctuation vs.
Ambient Temperature
0
20
40
60
80
100
024
13579
11
6
8
10
12
Output current IO (A)
VIO=3.7V
VIO=1.7V
VIO=1V
VIO=0.5V
Fig.3 Power Dissipation vs. Ambient
Temperature
0
5
10
15
20
25
30
35
40
−25
0
25
50
75
100
PD : With infinite heat sink
Ambient temperature Ta (°C)
Note) Oblique line prtion:Overheat protection may operate in this area
VIN=5V
IO=0
VO=3V
−10
−8
−6
−4
−2
0
2
4
6
8
10
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
PQ05VY3H3Z
PQ05VY053Z
0
20
40
60
80
100
024
13579
11
6
8
10
12
Output current IO (A)
VIO=3.7V
VIO=1.7V
VIO=1V
VIO=0.5V


Similar Part No. - PQ05VY053ZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05VY053ZZ SHARP-PQ05VY053ZZ Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ05VY053ZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ5EV3 SHARP-PQ5EV3 Datasheet
83Kb / 7P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
   Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KXX3M2ZP SHARP-PQ1KXX3M2ZP Datasheet
57Kb / 5P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com