Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F1AD006V Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-F1AD006V
Description  POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AD006V Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-F1AD006V Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AD006V Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AD006V Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AD006V Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AD006V Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AD006V Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AD006V Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1AD006V Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-F1 SERIES
n
COIL DATA CHART
MODEL
Nominal
Coil resistance Must operate
Must release
voltage
(±10%)
voltage
voltage
Standard Type
TV-3 Rating Type
FTR-F1 (C, A) A005 V
FTR-F1AA005 T
5 VDC
47 Ω
3.5 VDC
0.5 VDC
FTR-F1 (C, A) A006 V
FTR-F1AA006 T
6 VDC
68 Ω
4.2 VDC
0.6 VDC
FTR-F1 (C, A) A009 V
FTR-F1AA009 T
9 VDC
155 Ω
6.3 VDC
0.9 VDC
FTR-F1 (C, A) A012 V
FTR-F1AA012 T
12 VDC
270 Ω
8.4 VDC
1.2 VDC
FTR-F1 (C, A) A024 V
FTR-F1AA024 T
24 VDC
1,100 Ω
16.8 VDC
2.4 VDC
FTR-F1 (C, A) A048 V
FTR-F1AA048 T
48 VDC
4,400 Ω
33.6 VDC
4.8 VDC
Note: All values in the table are measured at 20°C.
Sensitive Type
MODEL
Nominal
Coil resistance Must operate
Must release
voltage
(±10%)
voltage
voltage
Standard Type
FTR-F1 (C, A) D003 V
3 VDC
22.5 Ω
2.25 VDC
0.3 VDC
FTR-F1 (C, A) D005 V
5 VDC
62 Ω
3.75 VDC
0.5 VDC
FTR-F1 (C, A) D006 V
6 VDC
90 Ω
4.5 VDC
0.6 VDC
FTR-F1 (C, A) D009 V
9 VDC
202 Ω
6.75 VDC
0.9 VDC
FTR-F1 (C, A) D012 V
12 VDC
360 Ω
9.0 VDC
1.2 VDC
FTR-F1 (C, A) D024 V
24 VDC
1,440 Ω
18.0 VDC
2.4 VDC
FTR-F1 (C, A) D048 V
48 VDC
5,760 Ω
36.0 VDC
4.8 VDC


Similar Part No. - FTR-F1AD006V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AD006V FUJITSU-FTR-F1AD006V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AD006V-RG FUJITSU-FTR-F1AD006V-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AD006V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com