Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1256-55L28C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # P4C1256-55L28C
Description  HIGH SPEED 32K x 8 STATIC CMOS RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C1256-55L28C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  P4C1256-55L28C Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C1256-55L28C Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C1256-55L28C Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C1256-55L28C Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C1256-55L28C Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C1256-55L28C Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C1256-55L28C Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C1256-55L28C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
123
P4C1256
PACKAGE SUFFIX
Package
Suffix
P
Plastic DIP, 300 mil wide standard
J
Plastic SOJ, 300 mil wide standard
C
Sidebrazed DIP, 300 mil wide
D
CERDIP, 300 mil wide
DW
CERDIP, 600 mil wide
L28
Leadless Chip Carrier, 350 x 550 mils
L32
Leadless Chip Carrier, 450 x 550 mils
TEMPERATURE RANGE SUFFIX
Temperature
Range Suffix
C
Commercial Temperature Range,
0
°C to +70°C.
I
Industrial Temperature Range,
–40˚C to +85˚C.
M
Military Temperature Range,
–55
°C to +125°C.
MB
Mil. Temp. with MIL-STD-883
Class B compliance.
Description
Description
ORDERING INFORMATION
Performance Semiconductor's part numbering scheme is as follows:
The P4C1256 is also available per SMD 5962-88662
1256
P4C
ss
p
t
Temperature Range
Package Code
Static RAM Prefix
Speed (Access/Cycle Time)
Device Number
I = Ultra-low standby power designator L, if available.
ss = Speed (access/cycle time in ns). e.g. 25, 35.
p = Package code, i.e., P, J, C, D, DW, L28, L32.
t = Temperature range, i.e., C, M. MB.


Similar Part No. - P4C1256-55L28C

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1256-12CCLF PYRAMID-P4C1256-12CCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CILF PYRAMID-P4C1256-12CILF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CMBLF PYRAMID-P4C1256-12CMBLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CMLF PYRAMID-P4C1256-12CMLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12DCLF PYRAMID-P4C1256-12DCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1256-55L28C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com