Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M64163PK-RF75 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4M64163PK-RF75
Description  1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M64163PK-RF75 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4M64163PK-RF75 Datasheet HTML 4Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 5Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 6Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 7Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 8Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 9Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 10Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 11Page - Samsung semiconductor K4M64163PK-RF75 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
K4M64163PK - R(B)E/G/C/F
October 2005
11
Mobile-SDRAM
1. In order to save power consumption, Mobile SDRAM has PASR option.
2. Mobile SDRAM supports 3 kinds of PASR in self refresh mode : Full Array, 1/2 of Full Array and 1/4 of Full Array.
BA1=0
- Full Array
- 1/2 Array
- 1/4 Array
Partial Self Refresh Area
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=1
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Partial Array Self Refresh
Note :
1. In order to save power consumption, Mobile-SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the two temperature range ; 45
°C and 85 °C(for Extended), 70 °C(for Commercial)
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
3. It has +/-5
°C tolerance.
Temperature Range
Self Refresh Current (IDD6)
Unit
- E / C
- G / F
Full Array
1/2 Array
1/4 Array
Full Array
1/2 Array
1/4 Array
45
°C*3
140
130
125
90
80
75
uA
85/70
°C
220
190
175
180
150
135
Internal Temperature Compensated Self Refresh (TCSR)
B. POWER UP SEQUENCE
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
- Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define DS or PASR operating type of the device after normal MRS.
For operating with DS or PASR , set DS or PASR mode in EMRS setting stage.
In order to adjust another mode in the state of DS or PASR mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.


Similar Part No. - K4M64163PK-RF75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4M64163PH-RBF1L SAMSUNG-K4M64163PH-RBF1L Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4M64163PH-RBF75 SAMSUNG-K4M64163PH-RBF75 Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4M64163PH-RBF90 SAMSUNG-K4M64163PH-RBF90 Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4M64163PH-RF1L SAMSUNG-K4M64163PH-RF1L Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
More results

Similar Description - K4M64163PK-RF75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163LF SAMSUNG-K4M28163LF Datasheet
115Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633E SAMSUNG-K4M511633E Datasheet
112Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com