Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F1CA024V Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FTR-F1CA024V
Description  POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1CA024V Datasheet(HTML) 8 Page - Fujitsu Component Limited.

  FTR-F1CA024V Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1CA024V Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1CA024V Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1CA024V Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1CA024V Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1CA024V Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1CA024V Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1CA024V Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FTR-F1 SERIES
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: marcom@fcai.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: http://www.fujitsu.com/emea/services/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2005 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property off their respective
owners.
Fujitsu Components America does not warrant that the content of datasheet is error free. In a continuing effort to improve our products Fujitsu
Components America, Inc. reserves the right to change specifications/datasheets without prior notice. Rev. 11/18/2005.


Similar Part No. - FTR-F1CA024V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1CA024V FUJITSU-FTR-F1CA024V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1CA024V-RG FUJITSU-FTR-F1CA024V-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1CA024V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com