Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA75CC50 Datasheet(PDF) 5 Page - SanRex Corporation

Part # FCA75CC50
Description  MOSFET MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

FCA75CC50 Datasheet(HTML) 5 Page - SanRex Corporation

  FCA75CC50 Datasheet HTML 1Page - SanRex Corporation FCA75CC50 Datasheet HTML 2Page - SanRex Corporation FCA75CC50 Datasheet HTML 3Page - SanRex Corporation FCA75CC50 Datasheet HTML 4Page - SanRex Corporation FCA75CC50 Datasheet HTML 5Page - SanRex Corporation FCA75CC50 Datasheet HTML 6Page - SanRex Corporation FCA75CC50 Datasheet HTML 7Page - SanRex Corporation FCA75CC50 Datasheet HTML 8Page - SanRex Corporation FCA75CC50 Datasheet HTML 9Page - SanRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FCA75CC50
Output Characteristics(Typical)
100
80
60
40
20
10
Tj=25
Pulse Test
VGs=4V
15V
10V
8V
6V
5V
Drain-Source Voltage VDS
(V)
Tj
25℃
VDS
10V
Pulse Test
Forward Transfer Characteristics(Typical)
60
50
40
30
20
10
Gate-Source Voltage VGS
(V)
Tj
25℃
VDS
10V
Pulse Test
(Typical)
100
50
10
20
10
20
50
100
Drain CurrentI
(A)
Forward Transconductance Vs.
Drain Current
VGS
10V
Pulse Test
Tj
25
Tj
100
Typical
Tj
25
0.
0.
0.
25
50
75
100
125
150
Drain CurrentI
(A)
Drain-Source On-State Resistance Vs.
Drain Current
Tj
25℃
Coss
Ciss
Crss
VGS
0V
f
1MHz
40
80
120
160
200
240
10000
1000
100
Drain-Source Voltage VDS
(V)
Input Capacitance, Output Capacitance,
Reverse Transfer Capacitance(Typical)
Pw
10μ
s
Pw
100
μs
Pw
1ms
Pw
10ms
D.C
.
Non-Repetitive
25
Tc
2
10
5
5
10
0
10
10
10
10
1
Drain-Source Voltage VDS
(V)
Safe Operating Area


Similar Part No. - FCA75CC50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
More results

Similar Description - FCA75CC50

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK70MD075 SEMIKRON-SK70MD075_07 Datasheet
597Kb / 3P
   MOSFET Module
SK60MD10 SEMIKRON-SK60MD10 Datasheet
412Kb / 2P
   MOSFET Module
SK300MB075 SEMIKRON-SK300MB075 Datasheet
462Kb / 3P
   Mosfet Module
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
logo
SanRex Corporation
SF150BA50 SANREX-SF150BA50 Datasheet
536Kb / 3P
   MOSFET MODULE
logo
Semikron International
SK150MHK055T SEMIKRON-SK150MHK055T Datasheet
572Kb / 3P
   Mosfet Module
SK150MBL055T SEMIKRON-SK150MBL055T Datasheet
598Kb / 3P
   Mosfet Module
SK85MH10 SEMIKRON-SK85MH10 Datasheet
426Kb / 3P
   MOSFET Module
SK85MH10T SEMIKRON-SK85MH10T Datasheet
482Kb / 3P
   MOSFET Module
SK115MAA10 SEMIKRON-SK115MAA10 Datasheet
335Kb / 2P
   MOSFET Module
SK80MD055 SEMIKRON-SK80MD055 Datasheet
416Kb / 2P
   MOSFET Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com