Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB82D01171A-85 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB82D01171A-85
Description  16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82D01171A-85 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB82D01171A-85 Datasheet HTML 7Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 8Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 9Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 10Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 11Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 12Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 13Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 14Page - Fujitsu Component Limited. MB82D01171A-85 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
MB82D01171A-80/80L/80LL/85/85L/85LL/90/90L/90LL
11
(3) Power Down Parameters
(4) Other Timing Parameters
*1: It may write some data into any address location if tCHWX is not satisfied.
*2: Must satisfy tCHH (Min) after tC2LH (Min) .
*3: Requires Power Down mode entry and exit after tC2HL.
*4: The Input Transition Time (tT) at AC testing is 5 ns as shown in below. If actual tT is longer than 5 ns,
it may violate some timing parameters of AC specification.
(5) AC Test Conditions
Parameter
Symbol
Value
Unit
Note
Min
Max
CE2 Low Setup Time for Power Down Entry
tCSP
10
ns
CE2 Low Hold Time after Power Down Entry
tC2LP
100
ns
CE1 High Hold Time following CE2 High
after Power Down Exit
tCHH
350
µs
CE1 High Setup Time following CE2 High
after Power Down Exit
tCHS
10
ns
Parameter
Symbol
Value
Unit
Note
Min
Max
CE1 High to OE Invalid Time for Standby Entry
tCHOX
20
ns
CE1 High to WE Invalid Time for Standby Entry
tCHWX
20
ns
*1
CE2 Low Hold Time after Power-up
tC2LH
50
µs*2
CE2 High Hold Time after Power-up
tC2HL
50
µs*3
CE1 High Hold Time following CE2 High after
Power-up
tCHH
350
µs*2
Input Transition Time
tT
125
ns
*4
Parameter
Symbol
Conditions
Measured Value
Unit
Note
Input High Level
VIH
VDD
= 3.1 V to 3.5 V
2.6
V
VDD
= 2.7 V to 3.1 V
2.3
V
VDD
= 2.3 V to 2.7 V
2.0
V
Input Low Level
VIL
VDD
= 3.1 V to 3.5 V
0.5
V
VDD
= 2.7 V to 3.1 V
0.5
V
VDD
= 2.3 V to 2.7 V
0.4
V
Input Timing Measurement Level
VREF
VDD
= 3.1 V to 3.5 V
1.5
V
VDD
= 2.7 V to 3.1 V
1.3
V
VDD
= 2.3 V to 2.7 V
1.1
V
Input Transition Time
tT
Between VIL and VIH
5ns


Similar Part No. - MB82D01171A-85

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60L FUJITSU-MB82D01181E-60L Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60LPBN FUJITSU-MB82D01181E-60LPBN Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60LWT FUJITSU-MB82D01181E-60LWT Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results

Similar Description - MB82D01171A-85

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183C-65L FUJITSU-MB82DP02183C-65L Datasheet
284Kb / 32P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DS01181E FUJITSU-MB82DS01181E Datasheet
129Kb / 19P
   Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com