Selected language     English  ▼


W005G Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. W005G
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
W005G thru W10G
Vishay Semiconductors
formerly General Semiconductor
Document Number 88769
www.vishay.com
19-Feb-02
1
Glass Passivated Single-Phase
Bridge Rectifier
Reverse Voltage 50 and 1000V
Forward Current 1.5A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols W005G W01G
W02G
W04G
W06G W08G
W10G
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at
0.375" (9.5mm) lead length at TA=25°C
IF(AV)
1.5
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50
A
Rating for fusing (t<8.3ms)
I2t10
A2sec
Typical thermal resistance per leg (1)
R
ΘJA
36
°C/W
R
ΘJL
11
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols W005G W01G
W02G
W04G
W06G W08G
W10G
Units
Maximum instantaneous forward voltage drop
per leg at 1.0A
VF
1.0
V
Maximum DC reverse current at rated TA=25°C
5.0
DC blocking voltage per leg
TA=125°C
IR
500
µA
Typical junction capacitance per leg at 4.0V, 1MHz
CJ
14
pF
Notes: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length P.C.B. mounting
0.220 (5.6)
0.160 (4.1)
0.388 (9.86)
0.348 (8.84)
0.032 (0.81)
0.028 (0.71)
1.0
(25.4)
MIN.
0.060 (1.52)
0.020 (0.51)
0.348 (8.84)
0.308 (7.82)
0.220 (5.6)
0.180 (4.6)
0.220 (5.6)
0.180 (4.6)
Dimensions in inches
and (millimeters)
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• This series is UL listed under the Recognized
Component Index, file number E54214
• Glass passivated chip junction
• High case dielectric strength
• Typical IR less than 0.1
µA
• High overload surge current
• Ideal for printed circuit boards
• High temperature soldering guaranteed:
260°C/10 seconds, 0.375 (9.5mm) lead length,
5lbs. (2.3kg) tension
Mechanical Data
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight: 0.04 oz., 1.1 g
Packaging codes/options: 1/100 EA. per Bulk Bag
Case Style WOG




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DB101SSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes 1 2 Rectron Semiconductor
GSIB620Glass Passivated Single-Phase Bridge Rectifier 1 2 Vishay Siliconix
GBPC6Glass Passivated Single-Phase Bridge Rectifier 1 2 3 Vishay Siliconix
DB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RC201SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
2W005G2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 Fuji Electric
DF005SMINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER 1 2 General Semiconductor
DB151SSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
DB101GGLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 Zowie Technology Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl