Selected language     English  ▼


W005G Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. W005G
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 2 page
background image
W005G thru W10G
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88769
2
19-Feb-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Ambient Temperature (
°C)
Fig. 1 — Derating Curve
Output Rectified Current
Fig. 3 — Typical Forward
Characteristics Per Leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 — Typical Reverse Leakage
Characteristics Per Leg
Fig. 6 — Typical Transient
Thermal Impedance
Number of Cycles at 60 HZ
t, Heating Time (sec.)
Fig. 2 — Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
Reverse Voltage (V)
Fig. 5 — Typical Junction
Capacitance Per Leg
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
150
Capacitive Load
5.0
10
20
=
I(pk)
I(AV)
1
0
10
40
50
60
30
20
10
100
TA = 25°C
Single Sine-Wave
(JEDEC Method)
1.0 Cycle
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
20
TJ = 25°C
Pulse Width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
50
0.1
1
10
100
1
10
100
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
0.1
0.01
1
10
100
1
10
100
0.1
TJ = 100
°C
TJ = 25
°C
P.C.B.
0.375"
(9.5mm)
Copper Pads
0.22 x 0.22"
(5.5 x 5.5mm)
60 HZ
Resistive or
Inductive Load




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DB101SSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes 1 2 Rectron Semiconductor
GSIB620Glass Passivated Single-Phase Bridge Rectifier 1 2 Vishay Siliconix
GBPC6Glass Passivated Single-Phase Bridge Rectifier 1 2 3 Vishay Siliconix
DB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RC201SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
2W005G2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 Fuji Electric
DF005SMINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER 1 2 General Semiconductor
DB151SSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
DB101GGLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 Zowie Technology Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl