Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW6S010NR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MW6S010NR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6S010NR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MW6S010NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6S010NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MW6S010NR1 MW6S010GNR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 900 MHz
970
16
48
910
−26
−8
IRL
Gps
IMD
f, FREQUENCY (MHz)
VDD = 28 Vdc, Pout = 10 W (Avg.)
IDQ = 125 mA, 100 kHz Tone Spacing
44
−10
40
−12
36
−14
32
−16
28
−18
24
−20
20
−22
930
950
960
Figure 3. Two-Tone Wideband Performance
@ Pout = 10 Watts
Pout, OUTPUT POWER (WATTS) AVG.
15
20
1
IDQ = 190 mA
VDD = 28 Vdc, f = 945 MHz
Two− Tone Measurements
100 kHz Tone Spacing
19
17
16
10
100
Figure 4. Two-Tone Power Gain versus
Output Power
100
−70
−10
0.1
7th Order
VDD = 28 Vdc, IDQ = 125 mA
f = 945 MHz, Two− Tone Measurements
100 kHz Tone Spacing
5th Order
3rd Order
110
−20
−30
−40
−50
−60
Pout, OUTPUT POWER (WATTS) AVG.
Figure 5. Intermodulation Distortion Products
versus Output Power
10
−55
−15
0.1
7th Order
TWO− TONE SPACING (MHz)
VDD = 28 Vdc, Pout = 10 W (Avg.)
IDQ = 125 mA, Two−Tone Measurements
(f1+f2)/2 = Center Frequency = 945 MHz
5th Order
3rd Order
−20
−25
−30
−35
−40
1
100
Figure 6. Intermodulation Distortion Products
versus Tone Spacing
29
48
P3dB = 43.14 dBm (20.61 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 125 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 945 MHz
46
44
42
40
38
21
23
25
Actual
Ideal
27
19
Figure 7. Pulse CW Output Power versus
Input Power
920
940
18
90 mA
125 mA
P1dB = 42.23 dBm (16.71 W)
−50
−45
−24
0.1
ηD


Similar Part No. - MW6S010NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
542Kb / 16P
   RF Power Field Effect Transistor
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
730Kb / 20P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MW6S010NR1 NXP-MW6S010NR1 Datasheet
802Kb / 20P
   RF Power Field Effect Transistors
Rev. 5, 6/2009
logo
Freescale Semiconductor...
MW6S010NR1 FREESCALE-MW6S010NR1_09 Datasheet
730Kb / 20P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MW6S010NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V2010NR1 FREESCALE-MRF6V2010NR1 Datasheet
592Kb / 15P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com