Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT63M147CCC Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT63M147CCC
Description  MIL-STD-1553A/B Bus Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147CCC Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT63M147CCC Datasheet HTML 1Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 2Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 3Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 4Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Appendix 2 - 5
TRANSMITTER
The transmitter section accepts Manchester II biphase TTL data
and converts this data into differential phase-modulated current
drive. Transmitter current drivers are coupled to a MIL-STD-
1553 data bus via a transformer driven from the TXOUT and
TXOUT terminals. Transmitter output terminals’ non-
transmitting state is enabled by asserting TXIHB (logic “1”), or
by placing both TXIN and TXIN at the same logic level. Table
1, Transmit Operating Mode, lists the functions for the output
data in reference to the state of TXIHB. Figure 3 shows typical
transmitter waveforms.
RECEIVER
The receiver section accepts biphase differential data from a
MIL-STD-1553 data bus at its RXIN and RXIN inputs. The
receiver converts input data to biphase Manchester II TTL
format and is available for decoding at the RXOUT and RXOUT
terminals. The outputs RXOUT and RXOUT represent positive
and negative excursions (respectively) of the inputs RXIN and
RXIN. Figure 4 shows typical receiver output waveforms.
Table 1. Transmit Operating Mode
Notes:
1. x = Don’t care.
2. Transmitter output terminals are in the non-transmitting mode during
Off-time.
3. Transmitter output terminals are in the non-transmitting mode during
Off-time, independent of TXIHB status.
Figure 3. Typical Transmitter
Wave
Figure 4. Typical Receiver Waveforms
TXIN
TXIN
TXIHB
TXOUT
x1
x
1
0
0
x
0
1
0
1
0
0
1
1
x
90%
10%
TXOUT, TXOUT
TXIN
TXIN
LINE-TO-LINE
DIFFERENTIAL
OUTPUT
TXIN
TXIHB
TXIN
tTXDD
BOTH HIGH
OR
BOTH LOW
RXOUT
RXOUT
RXOUT
RXOUT
LINE-TO-LINE
DIFFERENTIAL
INPUT
tRXDD
Off2
Off3
Off3
On
On


Similar Part No. - UT63M147CCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT63M105PCA ETC1-UT63M105PCA Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCA5 ETC1-UT63M105PCA5 Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCC ETC1-UT63M105PCC Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCC5 ETC1-UT63M105PCC5 Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCX ETC1-UT63M105PCX Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
More results

Similar Description - UT63M147CCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT63M1XX ETC1-UT63M1XX Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
logo
Aeroflex Circuit Techno...
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
   MIL-STD-883 Level B
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com