Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41LV82002 Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41LV82002
Description  2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV82002 Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41LV82002 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV82002 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IC41C82002
IC41LV82002
Integrated Circuit Solution Inc.
5
DR017-0A 06/22/2001
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
–5
5
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–5
5
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH = –5.0 mA with VCC=5V
2.4
—
V
IOH = –2.0 mA with VCC=3.3V
VOL
Output Low Voltage Level
IOL = 4.2 mA with VCC=5V
—
0.4
V
IOL = 2 mA with VCC=3.3V
ICC1
Standby Current: TTL
RAS, CAS > VIH
5V
—
2
mA
3.3V
—
0.5
ICC2
Standby Current: CMOS
RAS, CAS > VCC – 0.2V
5V
—
1
mA
3.3V
—
0.5
ICC3
Operating Current:
RAS, CAS,
-50
—
120
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-60
—
110
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, CAS,
-50
—
90
mA
EDO Page Mode(2,3,4)
tRC = tRC (min.)
-60
—
80
Average Power Supply Current
ICC5
Refresh Current:
RAS Cycling, CAS > VIH
-50
—
120
mA
RAS-Only(2,3)
tRC = tRC (min.)
-60
—
110
Average Power Supply Current
ICC6
Refresh Current:
RAS, CAS Cycling
-50
—
120
mA
CBR(2,3,5)
tRC = tRC (min.)
-60
—
110
Average Power Supply Current
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight RAS cycles wake-up should be repeated any time the tRE. refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41LV82002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV82002S ICSI-IC41LV82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41LV82002S-50J ICSI-IC41LV82002S-50J Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41LV82002S-50T ICSI-IC41LV82002S-50T Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41LV82002S-60J ICSI-IC41LV82002S-60J Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41LV82002S-60T ICSI-IC41LV82002S-60T Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41LV82002

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com