Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C1664-35T Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC41C1664-35T
Description  64K x 16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C1664-35T Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC41C1664-35T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C1664-35T Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IC41C1664
IC41LV1664
8
Integrated Circuit Solution Inc.
DR033-0A 11/15/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-25
30
35
40
Symbol
Parameter
Min. Max. Min. Max.
Min. Max. Min. Max. Units
tRC
Random READ or WRITE Cycle Time
43
55
65
75
ns
tRAC
Access Time from
RAS(6, 7)
—25
30
—35
40
ns
tCAC
Access Time from
CAS(6, 8, 15)
—8
9
10
11
ns
tAA
Access Time from Column-Address(6)
—12
16
—18
20
ns
tRAS
RAS Pulse Width
25
10K
30
10K
35
10K
40
10K
ns
tRP
RAS Precharge Time
15
20
23
25
ns
tCAS
CAS Pulse Width(26)
4
10K
9
10K
10
10K
11
10K
ns
tCP
CAS Precharge Time(9, 25)
4—
5
6—
7—
ns
tCSH
CAS Hold Time (21)
25
30
35
40
ns
tRCD
RAS to CAS Delay Time(10, 20)
10
17
10
21
10
25
10
29
ns
tASR
Row-Address Setup Time
0
0
0
0
ns
tRAH
Row-Address Hold Time
5
5
5
5
ns
tASC
Column-Address Setup Time(20)
0—
0
0—
0—
ns
tCAH
Column-Address Hold Time(20)
5—
5
5—
5—
ns
tAR
Column-Address Hold Time
22
26
30
34
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
813
8
14
817
8
20
ns
tRAL
Column-Address to
RAS Lead Time
12
16
18
20
ns
tRPC
RAS to CAS Precharge Time
10
10
10
10
ns
tRSH
RAS Hold Time(27)
8—
9
10
11
ns
tCLZ
CAS to Output in Low-Z(15, 29)
3—
3
3—
3—
ns
tCRP
CAS to RAS Precharge Time(21)
5—
5
5—
5—
ns
tOD
Output Disable Time(19, 28, 29)
—6
8
—8
—8
ns
tOE
Output Enable Time(15, 16)
—8
9
10
11
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
10
10
10
10
ns
tOEP
OE HIGH Pulse Width
10
10
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0—
0
0—
0—
ns
tRRH
Read Command Hold Time
0
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17, 27)
5—
5
5—
5—
ns
tWCR
Write Command Hold Time
22
26
30
34
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
5—
5
5—
5—
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
7—
8
9—
10
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
5—
6
7—
8—
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0
0—
0—
ns
tDHR
Data-in Hold Time (referenced to
RAS)
22—
26
30—
34
ns


Similar Part No. - IC41C1664-35T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25K ICSI-IC41C1665-25K Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25KI ICSI-IC41C1665-25KI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25T ICSI-IC41C1665-25T Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25TI ICSI-IC41C1665-25TI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41C1664-35T

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com