Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C82052S-60J Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC41C82052S-60J
Description  2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C82052S-60J Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC41C82052S-60J Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C82052S-60J Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IC41C82052S
IC41LV82052S
Integrated Circuit Solution Inc.
3
DR016-0A 06/12/2001
.unctional Description
The IC41C82052S and IC41LV82052S are CMOS DRAMs
optimized for high-speed bandwidth, low power
applications. During READ or WRITE cycles, each bit is
uniquely addressed through the 11 address bits. These
are entered 11 bits (A0-A10) at a time for the 2K refresh
device. The row address is latched by the Row Address
Strobe (RAS). The column address is latched by the
Column Address Strobe (CAS). RAS is used to latch the
first nine bits and CAS is used the latter ten bits.
Memory Cycle
A memory cycle is initiated by bring RAS LOW and it is
terminated by returning both RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of CAS or OE,
whichever occurs last, while holding WE HIGH. The
column address must be held for a minimum time specified
by tAR. Data Out becomes valid only when tRAC, tAA, tCAC
and tOEA are all satisfied. As a result, the access time is
dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of CAS and WE,
whichever occurs last. The input data must be valid at or
before the falling edge of CAS or WE, whichever occurs
last.
Refresh Cycle
To retain data, 2,048 refresh cycles are required in each
32 ms period. There are two ways to refresh the memory:
1. By clocking each of the 2,048 row addresses (A0
through A10) with RAS at least once every 32 ms. Any
read, write, read-modify-write or RAS-only cycle re-
freshes the addressed row.
2. Using a CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding CAS LOW. In CAS-before-RAS refresh
cycle, an internal 11-bit counter provides the row ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Self Refresh Cycle
The Self Refresh allows the user a dynamic refresh, data
retention mode at the extended refresh period of 128 ms.
i.e., 62.5 µs per row when using distributed CBR refreshes.
The feature also allows the user the choice of a fully static,
low power data retention mode. The optional Self Refresh
feature is initiated by performing a CBR Refresh cycle and
holding RAS LOW for the specified tRAS.
The Self Refresh mode is terminated by driving RAS HIGH
for a minimum time of tRP. This delay allows for the
completion of any internal refresh cycles that may be in
process at the time of the RAS LOW-to-HIGH transition. If
the DRAM controller uses a distributed refresh sequence,
a burst refresh is not required upon exiting Self Refresh.
However, if the DRAM controller utilizes a RAS-only or
burst refresh sequence, all 2,048 rows must be refreshed
within the average internal refresh rate, prior to the re-
sumption of normal operation.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initial-
ization cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that RAS track with
VCC or be held at a valid VIH to avoid current surges.


Similar Part No. - IC41C82052S-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052-50J ICSI-IC41C82052-50J Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052-50T ICSI-IC41C82052-50T Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052-60J ICSI-IC41C82052-60J Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052-60T ICSI-IC41C82052-60T Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41C82052S-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com