Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C16105S-60TI Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IC41C16105S-60TI
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16105S-60TI Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IC41C16105S-60TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C16105S-60TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
.EATURES
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval: 1,024 cycles/16 ms,
1,024 cycles / 128ms Self Refresh
• Refresh Mode: RAS-Only, CAS-before-RAS (CBR),
Hidden, and Self Refresh
• JEDEC standard pinout
• Single power supply:
5V ± 10% (IC41C16105S)
3.3V ± 10% (IC41LV16105S)
• Byte Write and Byte Read operation via two CAS
• Industrail temperature range -40oC to 85oC
DESCRIPTION
The
1+51 IC41C16105S and IC41LV16105S are 1,048,576 x
16-bit high-performance CMOS Dynamic Random Access
Memories. .ast Page Mode allows 1,024 random accesses
within a single row with access cycle time as short as 20 ns per
16-bit word. The Byte Write control, of upper and lower byte,
makes the IC41C16105S ideal for use in 16-, 32-bit wide data
bus systems.
These features make the IC41C16105S and IC41LV16105S
ideally suited for high-bandwidth graphics, digital signal
processing, high-performance computing systems, and
peripheral applications.
The IC41C16105S and IC41LV16105S are packaged in a
42-pin 400mil SOJ and 400mil 44- (50-) pin TSOP-2.
IC41C16105S
IC41LV16105S
1M x 16 (16-MBIT) DYNAMIC RAM
WITH .AST PAGE MODE
KEY TIMING PARAMETERS
Parameter
-50
-60
Unit
Max. RAS Access Time (tRAC)50
60
ns
Max. CAS Access Time (tCAC)13
15
ns
Max. Column Address Access Time (tAA)25
30
ns
Min. .ast Page Mode Cycle Time (tPC)20
25
ns
Min. Read/Write Cycle Time (tRC)
84
104
ns
42-Pin SOJ
PIN CON.IGURATIONS
44(50)-Pin TSOP-2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-15
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
1
2
3
4
5
6
7
8
9
10
11
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
36
35
34
33
32
31
30
29
28
27
26
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND
Integrated Circuit Solution Inc.
1
DR011-0A 05/23/2001


Similar Part No. - IC41C16105S-60TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105-50K ETC1-IC41C16105-50K Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105-50KI ETC1-IC41C16105-50KI Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105-50T ETC1-IC41C16105-50T Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105-50TI ETC1-IC41C16105-50TI Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41C16105S-60TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com