Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41LV1664-35K Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC41LV1664-35K
Description  64K x 16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV1664-35K Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC41LV1664-35K Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV1664-35K Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IC41C1664
IC41LV1664
4
Integrated Circuit Solution Inc.
DR033-0A 11/15/2001
TRUTH TABLE
Function
RAS
RAS
RAS
RAS
RAS
LCAS
LCAS
LCAS
LCAS
LCAS UCAS
UCAS
UCAS
UCAS
UCAS
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
Address tR/tC
I/O
Standby
H
H
H
X
X
X
High-Z
Read: Word
L
L
L
H
L
ROW/COL
DOUT
Read: Lower Byte
L
L
H
H
L
ROW/COL
Lower Byte, DOUT
Upper Byte, High-Z
Read: Upper Byte
L
H
L
H
L
ROW/COL
Lower Byte, High-Z
Upper Byte, DOUT
Write: Word (Early Write)
L
L
L
L
X
ROW/COL
DIN
Write: Lower Byte (Early Write)
L
L
H
L
X
ROW/COL
Lower Byte, DIN
Upper Byte, High-Z
Write: Upper Byte (Early Write)
L
H
L
L
X
ROW/COL
Lower Byte, High-Z
Upper Byte, DIN
Read-Write(1,2)
LL
L
H
→LL→H
ROW/COL
DOUT, DIN
EDO Page-Mode Read(2)
1st Cycle:
L
H
→LH→L
H
L
ROW/COL
DOUT
2nd Cycle:
L
H
→LH→L
H
L
NA/COL
DOUT
Any Cycle:
L
L
→HL→H
H
L
NA/NA
DOUT
EDO Page-Mode Write(1)
1st Cycle:
L
H
→LH→L
L
X
ROW/COL
DIN
2nd Cycle:
L
H
→LH→L
L
X
NA/COL
DIN
EDO Page-Mode
1st Cycle:
L
H
→LH→LH→LL→H
ROW/COL
DOUT, DIN
Read-Write(1,2)
2nd Cycle:
L
H
→LH→LH→LL→H
NA/COL
DOUT, DIN
Hidden Refresh(2)
Read L
→H→L
L
L
H
L
ROW/COL
DOUT
Write L
→H→L
L
L
L
X
ROW/COL
DOUT
RAS-Only Refresh
L
H
H
X
X
ROW/NA
High-Z
CBR Refresh(3)
H
→L
L
L
X
X
X
High-Z
Notes:
1. These WRITE cycles may also be BYTE WRITE cycles (either
LCAS or UCAS active).
2. These READ cycles may also be BYTE READ cycles (either
LCAS or UCAS active).
3. At least one of the two
CAS signals must be active (LCAS or UCAS).


Similar Part No. - IC41LV1664-35K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV1665 ICSI-IC41LV1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41LV1665-25K ICSI-IC41LV1665-25K Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41LV1665-25KI ICSI-IC41LV1665-25KI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41LV1665-25T ICSI-IC41LV1665-25T Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41LV1665-25TI ICSI-IC41LV1665-25TI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41LV1664-35K

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com