Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61SF6432-9TQ Datasheet(PDF) 11 Page - Integrated Circuit Solution Inc

Part # IC61SF6432-9TQ
Description  64K x 32 Flow Through Sync. SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61SF6432-9TQ Datasheet(HTML) 11 Page - Integrated Circuit Solution Inc

Back Button IC61SF6432-9TQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 11Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 12Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 13Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 14Page - Integrated Circuit Solution Inc IC61SF6432-9TQ Datasheet HTML 15Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IC61SF6432
Integrated Circuit Solution Inc.
11
SSR017-0A
09/13/2001
WRITE CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-9
-10
Symbol
Parameter
Min. Max.
Min.
Max.
Unit
tKC
Cycle Time
13
15
ns
tKH
Clock High Time
6
6
ns
tKL
Clock Low Time
6
6
ns
tAS
Address Setup Time
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
ns
tWS
Write Setup Time
2.5
2.5
ns
tDS
Data In Setup Time
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
ns
tAVS
Address Advance Setup Time
2.5
2.5
ns
tAH
Address Hold Time
1
1
ns
tSH
Address Status Hold Time
0.5
0.5
ns
tDH
Data In Hold Time
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
ns
tCFG
Configuration Setup(1)
52
60
ns
Notes:
1. Configuration signal MODE is static and must not change during normal operation.


Similar Part No. - IC61SF6432-9TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10B ICSI-IC61SF12832-10B Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQ ICSI-IC61SF12832-10TQ Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQI ICSI-IC61SF12832-10TQI Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-12B ICSI-IC61SF12832-12B Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
More results

Similar Description - IC61SF6432-9TQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
logo
Cypress Semiconductor
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
   1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com