Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC43R16160-7T Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC43R16160-7T
Description  4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC43R16160-7T Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC43R16160-7T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC43R16160-7T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Block Diagram
Row decoder
Memory array
Bank 0
8192 x 256
x32 bit
Row decoder
Memory array
Bank 1
Row decoder
Memory array
Bank 2
Row decoder
Memory array
Bank 3
Input buffer
Output buffer
DQ0-DQ15
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A12, BA0, BA1
A0 - A8, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses
DLL
Strobe
Gen.
Data Strobe
CK, CK
DQS
8192 x 256
x 32 bit
8192 x 256
x 32 bit
8192 x 256
x 32 bit
16M x 16
Capacitance*
TA = 0 to 70°C, VCC = 2.5V ± 0.2V, VCC = 2.6V ± 0.1V
for DDR400, f = 1 Mhz
*Note: Capacitance is sampled and not 100% tested.
Absolute Maximum Ratings*
Operating temperature range ..................0 to 70 °C
Storage temperature range ................-55 to 150 °C
VDDSupply Voltage Relative to VSS.....-1V to +3.6V
VDDQ Supply Voltage Relative to VSS
......................................................-1V to +3.6V
VREF and Inputs Voltage Relative to VSS
......................................................-1V to +3.6V
I/O Pins Voltage Relative to VSS
.......................................... -0.5V to VDDQ+0.5V
Power dissipation .......................................... 1.6 W
Data out current (short circuit) ...................... 50 mA
*Note: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Input Capacitance
Symbol
Min Max Unit
BA0, BA1, CKE, CS, RAS, (CAS,
A0-A11, WE)
CINI
23.0
pF
Input Capacitance (CK, CK)CIN2
23.0
pF
Data & DQS I/O Capacitance
COUT
45
pF
Input Capacitance (DM)
CIN3
45.0
pF
IC43R16160
4
Integrated Circuit Solution Inc.
DDR001
-0B 11/10/2004


Similar Part No. - IC43R16160-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
IC43R32400-4B ICSI-IC43R32400-4B Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
IC43R32400-4BG ICSI-IC43R32400-4BG Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
IC43R32400-5B ICSI-IC43R32400-5B Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
IC43R32400-5BG ICSI-IC43R32400-5BG Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
More results

Similar Description - IC43R16160-7T

ManufacturerPart #DatasheetDescription
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
logo
Integrated Circuit Solu...
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Elite Semiconductor Mem...
M14D2561616A ESMT-M14D2561616A Datasheet
979Kb / 59P
   4M x 16 Bit x 4 Banks DDR II SDRAM
logo
Winbond
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
logo
Integrated Circuit Solu...
IC42S32800 ICSI-IC42S32800 Datasheet
857Kb / 62P
   2M x 32 Bit x 4 Banks (256-MBIT) SDRAM
logo
Elite Semiconductor Mem...
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com