Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62C1024AL-35Q Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC62C1024AL-35Q
Description  128K x 8 Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024AL-35Q Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC62C1024AL-35Q Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62C1024AL-35Q Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Integrated Circuit Solution Inc.
ALSR009-0A 5/7/2002
IC62C1024AL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to + 7.0
V
TBIAS
Temperature Under Bias
–45 to + 85
°C
TSTG
Storage Temperature
–65 to + 150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–2
2
µA
Ind.
–10
10
ILO
Output Leakage
GND
≤ VOUT ≤ VCC
Com.
–2
2
µA
Ind.
–10
10
Notes:
1. VIL = –3.0V for pulse width less than 10 ns.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-35 ns
-45 ns
-55 ns
-70 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
CE = VIL
Com.
100
90
80
70
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
110
100
90
80
ISB1
TTL Standby Current
VCC = Max.,
Com.
10
10
10
10
mA
(TTL Inputs)
VIN = VIH or VIL,
CE1 ≥ VIH, Ind.
15
15
15
15
or CE2
≤ VIL, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
500
500
500
500
µA
Current (CMOS Inputs)
CE1 ≤ VCC – 0.2V,
Ind.
750
750
750
750
CE2
≤ 0.2V, VIN > VCC – 0.2V,
or VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IC62C1024AL-35Q

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C1024AL-35Q

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com