Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61SP12832-150TQ Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC61SP12832-150TQ
Description  128K x 32 Pipelined SyncBurst SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61SP12832-150TQ Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC61SP12832-150TQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 11Page - Integrated Circuit Solution Inc IC61SP12832-150TQ Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Integrated Circuit Solution Inc.
SSR019-0A
09/17/2001
IC61SP12832
IC61SP12836
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V,
+10%, –5%
Industrial
–40°C to +85°C
3.3V,
+10%, –5%
DC ELECTRICAL CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCCQ + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
ILI
Input Leakage Current
GND
≤ VIN ≤ VCCQ(2)
Com.
–2
2
µA
Ind.
–5
5
ILO
Output Leakage Current
GND
≤ VOUT ≤ VCCQ, OE = VIH Com.
–2
2
µA
Ind.
–5
5
POWER SUPPLY CHARACTERISTICS (Over Operating Range)
-166
-150
-133
-117
-5
Symbol Parameter
Test Conditions
Typ. Max.
Typ. Max. Typ. Max.
Typ. Max
Typ. Max.
Unit
ICC
AC Operating
Device Selected,
Com.
200 230
190 220
180 210
175 205
170 200
mA
Supply Current
All Inputs = VIL or VIH
Ind.
200 230
190 220
185 215
180 210
mA
OE = VIH, Vcc = Max.
Cycle Time
≥ tKC min.
ISB
Standby Current
Device Deselected,
Com.
45
70
45
70
45
70
45
65
45
65
mA
VCC = Max.,
Ind.
50
80
50
80
50
75
50
75
mA
All Inputs = VIH or VIL
CLK Cycle Time
≥ tKC min.
IZZ
Power-down Mode
ZZ=VCCQ
Com.
5
5
5
5
5
mA
Current
Clock Running
Ind.
15
15
15
15
15
mA
All Inputs
≤ GND + 0.2V
or
≥ Vcc – 0.2V
Notes:
1. The MODE pin has an internal pullup. This pin may be a No Connect, tied to GND, or tied to VCCQ.
2. The MODE pin should be tied to Vcc or GND. It exhibits
±10 µA maximum leakage current when tied to ≤ GND + 0.2V
or
≥ Vcc – 0.2V.


Similar Part No. - IC61SP12832-150TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632D ICSI-IC61S25632D Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133B ICSI-IC61S25632D-133B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQ ICSI-IC61S25632D-133TQ Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQI ICSI-IC61S25632D-133TQI Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-166B ICSI-IC61S25632D-166B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
More results

Similar Description - IC61SP12832-150TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Cypress Semiconductor
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com