Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV5128L Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC62LV5128L
Description  512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV5128L Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC62LV5128L Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV5128L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Circuit Solution Inc.
3
LPSR012-0B 08/31/2001
IC62LV5128L
IC62LV5128LL
48-Pin 6*8mm TF-BGA
PIN DESCRIPTIONS
A0-A18
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Data Input/Output
NC
No Connection
Vcc
Power
GND
Ground
1
2
3
4
5
6
A
B
C
D
E
F
G
H
A0
A1
NC
A3
A6
A8
I/O4
A2
WE
A4
A7
I/O0
I/O5
NC
A5
I/O1
GND
Vcc
Vcc
GND
I/O6
A18
A17
I/O2
I/O7
OE
CE
A16
A15
I/O3
A9
A10
A11
A12
A13
A14
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.7V - 3.6V
Industrial
–40°C to +85°C
2.7V - 3.6V
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
I/O Operation
Vcc Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
Output Disabled
H
L
H
High-Z
ICC
Read
H
L
L
DOUT
ICC
Write
L
L
X
DIN
ICC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
A17
A15
Vcc
A18
A16
A14
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
PIN CONFIGURATIONS
32-Pin 8*20mm TSOP-1, 8*13.4mm STSOP-1


Similar Part No. - IC62LV5128L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV51216L ICSI-IC62LV51216L Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100B ICSI-IC62LV51216L-100B Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100BI ICSI-IC62LV51216L-100BI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100T ICSI-IC62LV51216L-100T Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100TI ICSI-IC62LV51216L-100TI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV5128L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com