Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV12816L Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC62LV12816L
Description  128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV12816L Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC62LV12816L Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV12816L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Integrated Circuit Solution Inc.
LPSR011-0B 06/06/2001
IC62LV12816L
IC62LV12816LL
IC62LV12816L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating VCC = Max.,
Com.
—
40
—
30
—
20
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
45
—
35
—
25
ISB
TTL Standby Current
VCC = Max.,
Com.
—
0.5
—
0.5
—
0.5
mA
(TTL Inputs)
VIN = VIH or VIL,
Ind.
—
1.0
—
1.0
—
1.0
CE £ VIH, f = 0
OR
ULB Control
VCC = Max., VIN = VIH or VIL
CE = VIL, f = 0, UB = VIH, LB = VIH
ISB
CMOS Standby
VCC = Max.,
Com.
—
35
—
35
—
35
µA
Current (CMOS Inputs)
CE ³ VCC – 0.2V,
Ind.
—
50
—
50
—
50
VIN ³ VCC – 0.2V, or
VIN £ 0.2V, f = 0
OR
ULB Control
VCC = Max., CE = VIL
VIN £ 0.2V, f = 0, UB / LB = VCC – 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and .all Times
5 ns
Input and Output Timing
1.3V
and Reference Level
Output Load
See .igures 1 and 2
AC TEST LOADS
.igure 1
.igure 2
5 pF
Including
jig and
scope
OUTPUT
1 TTL
100 pF
Including
jig and
scope
OUTPUT
1 TTL


Similar Part No. - IC62LV12816L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816DL ICSI-IC62LV12816DL Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100B ICSI-IC62LV12816DL-100B Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100BI ICSI-IC62LV12816DL-100BI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100T ICSI-IC62LV12816DL-100T Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100TI ICSI-IC62LV12816DL-100TI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV12816L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M16B TMT-T15V2M16B Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com