Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV5128LL Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC62LV5128LL
Description  512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV5128LL Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC62LV5128LL Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62LV5128LL Datasheet HTML 11Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Integrated Circuit Solution Inc.
LPSR012-0B 08/31/2001
IC62LV5128L
IC62LV5128LL
-
55
-
70
-
100
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max
Unit
tWC
Write Cycle Time
55
70
100
ns
tSCE
CE to Write End
50
65
80
ns
tAW
Address Setup Time to Write End
50
65
80
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWE
WE Pulse Width
40
40
80
ns
tSD
Data Setup to Write End
25
30
40
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE(3)
WE LOW to High-Z Output
30
30
40
ns
tLZWE(3)
WE HIGH to Low-Z Output
5
5
5
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, input pulse levels of 0.4V to 2.2V and output loading specified in
Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the Write.
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range, Standard and Low Power)
DATA-IN VALID
DATA UNDEFINED
tWC
tSCE
tAW
tHA
tPWE
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CE
WE
DOUT
DIN
AC WAVEFORMS
WRITE CYCLE NO. 1 (CE Controlled)


Similar Part No. - IC62LV5128LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV51216L ICSI-IC62LV51216L Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100B ICSI-IC62LV51216L-100B Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100BI ICSI-IC62LV51216L-100BI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100T ICSI-IC62LV51216L-100T Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100TI ICSI-IC62LV51216L-100TI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV5128LL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com